Electronic Components Datasheet Search
  English  ▼

X  

HCPL0701 Datasheet(PDF) 6 Page - ON Semiconductor

Part # HCPL0701
Description  Low Input Current High Gain Split Darlington Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL0701 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button HCPL0701 Datasheet HTML 2Page - ON Semiconductor HCPL0701 Datasheet HTML 3Page - ON Semiconductor HCPL0701 Datasheet HTML 4Page - ON Semiconductor HCPL0701 Datasheet HTML 5Page - ON Semiconductor HCPL0701 Datasheet HTML 6Page - ON Semiconductor HCPL0701 Datasheet HTML 7Page - ON Semiconductor HCPL0701 Datasheet HTML 8Page - ON Semiconductor HCPL0701 Datasheet HTML 9Page - ON Semiconductor HCPL0701 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0700, HCPL0701, HCPL0730, HCPL0731 Rev. 1.0.1
5
Typical Performance Curves
Fig. 1 Propagation Delay vs. Temperature
(HCPL0700, HCPL0701)
TA - TEMPERATURE (˚C)
TA - TEMPERATURE (˚C)
-60
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
35
Fig. 3 Propagation Delay vs. Temperature
(HCPL0700, HCPL0701)
-60
-40
-20
0
20
40
60
80
100
0
1
2
3
4
tPHL
tPLH
IF = 12 mA
VCC = 5 V
RL = 270 Ω
1/f = 50
µs
TA - TEMPERATURE (˚C)
Fig. 4 Logic High Output Current vs. Temperature
(HCPL0700, HCPL0701)
-40
-20
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
VCC = VO = 5.5 V
TA - TEMPERATURE (˚C)
Fig. 5 Propagation Delay vs. Input Forward Currrent
(HCPL0730, HCPL0731)
0123456789
10
0
4
8
12
16
20
TA - TEMPERATURE (˚C)
Fig. 2 Propagation Delay vs. Temperature
(HCPL0700, HCPL0701)
-60
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
12
14
16
18
20
tPHL
tPLH
IF = 1.6 mA
VCC = 5 V
RL = 2.2 kΩ
1/f = 50
µs
tPLH
tPHL
Fig. 6 Output Current vs. Input Forward Current
(HCPL0700, HCPL0701)
IF - INPUT FORWARD CURRENT (mA)
0.01
0.1
1
10
0.01
0.1
1
10
100
TA = 70˚C
TA = 25˚C
TA = 0˚C
TA = -40˚C
TA = 85˚C
VCC = 5V
VO = 0.4V
T
A = 25
V
CC = 5V
t
PLH
R
L = 4.7kΩ
t
PHL
R
L = 2.2kΩ or 4.7kΩ
t
PLH
R
L = 2.2kΩ
VCC = 5 V
IF = 0.5 mA
RL = 4.7 kΩ
1/f = 50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com