Electronic Components Datasheet Search
  English  ▼

X  

HCPL0701 Datasheet(PDF) 9 Page - ON Semiconductor

Part # HCPL0701
Description  Low Input Current High Gain Split Darlington Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL0701 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button HCPL0701 Datasheet HTML 5Page - ON Semiconductor HCPL0701 Datasheet HTML 6Page - ON Semiconductor HCPL0701 Datasheet HTML 7Page - ON Semiconductor HCPL0701 Datasheet HTML 8Page - ON Semiconductor HCPL0701 Datasheet HTML 9Page - ON Semiconductor HCPL0701 Datasheet HTML 10Page - ON Semiconductor HCPL0701 Datasheet HTML 11Page - ON Semiconductor HCPL0701 Datasheet HTML 12Page - ON Semiconductor HCPL0701 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0700, HCPL0701, HCPL0730, HCPL0731 Rev. 1.0.1
8
Test Circuits
Fig. 15 Common Mode Immunity Test Circuit
T
T
Fig. 14 Switching Time Test Circuit
T
T
PLH
OL
VO
VO
5 V
1.5 V
F
I
1.5 V
T
PHL
T
4
5
Noise
1
2
Shield
8
7
6
+5 V
O
V
VCC
V01
V02
GND
VF1
-
+
F2
V
F
I
+
10% DUTY CYCLE
I/f < 100
µS
F
I
MONITOR
L
0.1
µF
Pulse
Generator
tr = 5ns
Z = 50
O
V
3
I Monitor
F
4
I/ < 100
µs
tr = 5ns
Generator
Pulse
Z = 50
f
O
VF
V
V
I
V
F
2
1
VO
V
V
O
6
5
GND
7
8
VO
B
VB
L
R
CC
VC
+5 V
0.1
µF
C = 15 pF*
L
Test Circuit for HCPL-0730 and HCPL-0731
Test Circuit for HCPL-0700 and HCPL-0701
Test Circuit for HCPL-0730 and HCPL-0731
Test Circuit for HCPL-0700 and HCPL-0701
m
R
Rm
Shield
Noise
-
C = 15 pF*
Pulse Gen
CM
VC
VFF
V
V
B
A
+
-
+5 V
O
V
-
IF
3
4
F
VF
2
1
Shield
Noise
6
O
5
GND
7
8
VO
B
VB
CC
VC
L
R
Switch at A : I = 0 mA
F
Switch at B : I = 1.6 mA
F
tr
VO
O
V
OL
V
5 V
0 V
10%
10%
90%
CM
V
10 V
CM
C
GND
+
-
F2
V
VF1
-
+5 V
CC
V
L
V02
V
R
01
VO
VCM
V
V
A
B
Pulse Gen
F
I
+
-
+
0.1
µF
f
t
FF
VF
90%
1
3
4
2
Shield
Noise
8
6
5
7
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com