Electronic Components Datasheet Search
  English  ▼

X  

ADC081C021 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC081C021
Description  ADC121C021/ADC121C021Q/ADC121C027 I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC081C021 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC081C021 Datasheet HTML 17Page - Texas Instruments ADC081C021 Datasheet HTML 18Page - Texas Instruments ADC081C021 Datasheet HTML 19Page - Texas Instruments ADC081C021 Datasheet HTML 20Page - Texas Instruments ADC081C021 Datasheet HTML 21Page - Texas Instruments ADC081C021 Datasheet HTML 22Page - Texas Instruments ADC081C021 Datasheet HTML 23Page - Texas Instruments ADC081C021 Datasheet HTML 24Page - Texas Instruments ADC081C021 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
ADC121C021, ADC121C021Q, ADC121C027
www.ti.com
SNAS415F – JANUARY 2008 – REVISED MARCH 2013
VHIGH -- Alert Limit Register - Over Range
This register holds the upper limit threshold used to determine the alert condition. If the conversion moves higher
than this limit, a VHIGH alert is generated.
Pointer Address 04h (Read/Write)
Default Value: 0FFFh
D15
D14
D13
D12
D11
D10
D9
D8
Reserved
VHIGH Limit [11:8]
D7
D6
D5
D4
D3
D2
D1
D0
VHIGH Limit [7:0]
Bits
Name
Description
15:12
Reserved
Always reads zeros. Zeros must be written to these bits.
11:0
VHIGH Limit
Upper limit threshold. D11 is MSB.
VHYST -- Alert Hysteresis Register
This register holds the hysteresis value used to determine the alert condition. After a VHIGH or VLOW alert occurs,
the conversion result must move within the VHIGH or VLOW limit by more than this value to clear the alert
condition. Note: If the Alert Hold bit is set in the configuration register, alert conditions will not self-clear.
Pointer Address 05h (Read/Write)
Default Value: 0000h
D15
D14
D13
D12
D11
D10
D9
D8
Reserved
Hysteresis [11:8]
D7
D6
D5
D4
D3
D2
D1
D0
Hysteresis [7:0]
Bits
Name
Description
15:12
Reserved
Always reads zeros. Zeros must be written to these bits.
11:0
Hysteresis
Hysteresis value. D11 is MSB.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC121C021 ADC121C021Q ADC121C027



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com