Electronic Components Datasheet Search
  English  ▼

X  

ADC081C021 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC081C021
Description  ADC121C021/ADC121C021Q/ADC121C027 I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC081C021 Datasheet(HTML) 4 Page - Texas Instruments

  ADC081C021 Datasheet HTML 1Page - Texas Instruments ADC081C021 Datasheet HTML 2Page - Texas Instruments ADC081C021 Datasheet HTML 3Page - Texas Instruments ADC081C021 Datasheet HTML 4Page - Texas Instruments ADC081C021 Datasheet HTML 5Page - Texas Instruments ADC081C021 Datasheet HTML 6Page - Texas Instruments ADC081C021 Datasheet HTML 7Page - Texas Instruments ADC081C021 Datasheet HTML 8Page - Texas Instruments ADC081C021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
ADC121C021, ADC121C021Q, ADC121C027
SNAS415F – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage, VA
-0.3V to +6.5V
Voltage on any Analog Input Pin to GND
−0.3V to (VA +0.3V)
Voltage on any Digital Input Pin to GND
−0.3V to 6.5V
Input Current at Any Pin(4)
±15 mA
Package Input Current(4)
±20 mA
Power Dissipation at TA = 25°C
See(5)
HBM
2500V
VA, GND, VIN, ALERT, ADDR Pins SDA
250V
ESD Susceptibility per JESD22(6)
CDM
1250V
HBM
8000V
SDA
MM
400V
HBM
2500V
VA, GND, VIN, ALERT, ADDR Pins MM
250V
ESD Susceptibility per AEC-Q100(6)
CDM
1250V
HBM
2500V
SDA, SCL Pins
MM
250V
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions. Operation of the device beyond the maximum Operating
Ratings is not recommended.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
When the input voltage at any pin exceeds 5.5V or is less than GND, the current at that pin should be limited per the Absolute Maximum
Ratings. The maximum package input current rating limits the number of pins that can safely exceed the power supplies.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA) / θJA. The values for maximum power dissipation will be reached only when the device is operated in a severe
fault condition (e.g., when input or output pins are driven beyond the operating ratings, or the power supply polarity is reversed).
(6)
Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is a 220 pF capacitor discharged
through 0
Ω. Charged device model simulates a pin slowly acquiring charge (such as from a device sliding down the feeder in an
automated assembler) then rapidly being discharged.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC121C021 ADC121C021Q ADC121C027



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com