Electronic Components Datasheet Search
  English  ▼

X  

CSD87501LT Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD87501LT
Description  CSD87501L 30-V Dual Common Drain N-Channel NexFET™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87501LT Datasheet(HTML) 3 Page - Texas Instruments

  CSD87501LT Datasheet HTML 1Page - Texas Instruments CSD87501LT Datasheet HTML 2Page - Texas Instruments CSD87501LT Datasheet HTML 3Page - Texas Instruments CSD87501LT Datasheet HTML 4Page - Texas Instruments CSD87501LT Datasheet HTML 5Page - Texas Instruments CSD87501LT Datasheet HTML 6Page - Texas Instruments CSD87501LT Datasheet HTML 7Page - Texas Instruments CSD87501LT Datasheet HTML 8Page - Texas Instruments CSD87501LT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
CSD87501L
www.ti.com
SLPS523B – FEBRUARY 2015 – REVISED MAY 2019
Product Folder Links: CSD87501L
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
(1)
Dynamic characteristics values specified are per single FET.
5 Specifications
5.1 Electrical Characteristics
TA = 25°C unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVS1S2
Source-to-source voltage
VGS = 0 V, IS = 250 μA
30
V
IS1S2
Source-to-source leakage current
VGS = 0 V, VS1S2 = 24 V
1
μA
IGSS
Gate-to-source leakage current
VS1S2 = 0 V, VGS = 20 V
10
µA
VGS(th)
Gate-to-source threshold voltage
VS1S2 = VGS, IS = 250 μA
1.3
1.8
2.3
V
RS1S2(on)
Source-to-source on-resistance
VGS = 4.5 V, IS = 7 A
9.3
11.0
m
Ω
VGS = 10 V, IS = 7 A
6.6
7.8
gfs
Transconductance
VS1S2 = 3 V, IS = 7 A
48
S
DYNAMIC CHARACTERISTICS(1)
Ciss
Input capacitance
VGS = 0 V, VS1S2 = 15 V, ƒ = 1 MHz
1620
2110
pF
Coss
Output capacitance
189
246
pF
Crss
Reverse transfer capacitance
152
198
pF
RG
Series gate resistance
300
450
Ω
Qg
Gate charge total (4.5 V)
VS1S2 = 15 V, IS = 7 A
15
20
nC
Qg
Gate charge total (10 V)
31
40
nC
Qgd
Gate charge gate-to-drain
6.0
nC
Qgs
Gate charge gate-to-source
5.0
nC
Qg(th)
Gate charge at Vth
2.5
nC
Qoss
Output charge
VS1S2 = 15 V, VGS = 0 V
7.6
nC
td(on)
Turn on delay time
VS1S2 = 15 V, VGS = 10 V,
IS1S2 = 7 A, RG = 0 Ω
164
ns
tr
Rise time
260
ns
td(off)
Turn off delay time
709
ns
tf
Fall time
712
ns
(1)
Device mounted on FR4 material with minimum Cu mounting area.
(2)
Device mounted on FR4 material with 1-in2 (6.45-cm2), 2-oz (0.071-mm thick) Cu.
5.2 Thermal Information
TA = 25°C unless otherwise stated
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance(1)
135
°C/W
Junction-to-ambient thermal resistance(2)
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com