Electronic Components Datasheet Search
  English  ▼

X  

CSD87501LT Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD87501LT
Description  CSD87501L 30-V Dual Common Drain N-Channel NexFET™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87501LT Datasheet(HTML) 1 Page - Texas Instruments

  CSD87501LT Datasheet HTML 1Page - Texas Instruments CSD87501LT Datasheet HTML 2Page - Texas Instruments CSD87501LT Datasheet HTML 3Page - Texas Instruments CSD87501LT Datasheet HTML 4Page - Texas Instruments CSD87501LT Datasheet HTML 5Page - Texas Instruments CSD87501LT Datasheet HTML 6Page - Texas Instruments CSD87501LT Datasheet HTML 7Page - Texas Instruments CSD87501LT Datasheet HTML 8Page - Texas Instruments CSD87501LT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
3
6
9
12
15
18
21
24
D007
TC = 25°C, I S = 7 A
TC = 125°C, I S = 7 A
Qg - Gate Charge (nC)
0
4
8
12
16
20
24
28
32
0
1
2
3
4
5
6
7
8
9
10
D004
IS = 7 A, VS1S2 = 15 V
Gate 2
Source 2
Gate 1
Source 1
S1
S1
G1
S1
S1
S2
S2
G2
S2
S2
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD87501L
SLPS523B – FEBRUARY 2015 – REVISED MAY 2019
CSD87501L 30-V Dual Common Drain N-Channel NexFET™ Power MOSFET
1
1 Features
1
•
Low on-resistance
•
Small footprint of 3.37 mm × 1.47 mm
•
Ultra-low profile – 0.2-mm high
•
Lead free
•
RoHS compliant
•
Halogen free
•
Gate ESD protection
2 Applications
•
Battery management
•
Battery protection
•
USB Type-C / PD
3 Description
This 30-V, 6.6-mΩ, 3.37-mm × 1.47-mm LGA Dual
NexFET™ power MOSFET is designed to minimize
resistance and gate charge in a small footprint. Its
small size and common drain configuration make the
device ideal for multi-cell battery pack applications
and small handheld devices.
Top View
Configuration
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VS1S2
Source-to-Source Voltage
30
V
Qg
Gate Charge Total (4.5 V)
15
nC
Qgd
Gate Charge Gate-to-Drain
6.0
nC
RS1S2(on)
Source-to-Source On-
Resistance
VGS = 4.5 V
9.3
m
Ω
VGS = 10 V
6.6
VGS(th)
Threshold Voltage
1.8
V
Device Information(1)
DEVICE
MEDIA
QTY
PACKAGE
SHIP
CSD87501L
7-Inch Reel
3000
3.37 mm × 1.47 mm
Land Grid Array
Package
Tape
and
Reel
CSD87501LT
7-Inch Reel
250
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VS1S2
Source-to-Source Voltage
30
V
VGS
Gate-to-Source Voltage
±20
V
IS
Continuous Source Current(1)
14
A
ISM
Pulsed Source Current(2)
72
A
PD
Power Dissipation
2.5
W
V(ESD)
Human-Body Model (HBM)
2
kV
TJ,
Tstg
Operating Junction,
Storage Temperature
–55 to 150
°C
(1) Typical RθJA = 50°C/W on a 1-in
2, 2-oz Cu pad on a 0.06-in
thick FR4 PCB.
(2) Typical min Cu RθJA = 135°C/W, pulse duration ≤ 100 μs, duty
cycle
≤ 1%.
RS1S2(on) vs VGS
Gate Charge


Similar Part No. - CSD87501LT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87501LT TI-CSD87501LT Datasheet
896Kb / 12P
CSD87501L 30 V Dual Common Drain N-Channel NexFET Power MOSFET
More results

Similar Description - CSD87501LT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7902EDN VISHAY-SI7902EDN Datasheet
54Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET, Common Drain
18-Feb-02
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
30-V, N-Channel NexFET Power MOSFET
CSD87501L TI-CSD87501L_15 Datasheet
896Kb / 12P
CSD87501L 30 V Dual Common Drain N-Channel NexFET Power MOSFET
CSD17556Q5B TI1-CSD17556Q5B_16 Datasheet
843Kb / 13P
30 V N-Channel NexFET Power MOSFET
CSD17570Q5B TI1-CSD17570Q5B_16 Datasheet
647Kb / 13P
30 V N-Channel NexFET Power MOSFET
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
30-V Dual N-Channel NexFET Power MOSFETs
CSD17318Q2 TI1-CSD17318Q2 Datasheet
344Kb / 13P
30-V N-Channel NexFET Power MOSFET
logo
Vishay Siliconix
SISF00DN VISHAY-SISF00DN Datasheet
270Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
09-Nov-2020
SISF04DN VISHAY-SISF04DN Datasheet
192Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
02-Sep-2019
SISF06DN VISHAY-SISF06DN Datasheet
225Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
13-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com