Electronic Components Datasheet Search
  English  ▼

X  

0804102 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 0804102
Description  EO-J/UT/LED/GN - Socket
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804102 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  0804102 Datasheet HTML 1Page - PHOENIX CONTACT 0804102 Datasheet HTML 2Page - PHOENIX CONTACT 0804102 Datasheet HTML 3Page - PHOENIX CONTACT 0804102 Datasheet HTML 4Page - PHOENIX CONTACT 0804102 Datasheet HTML 5Page - PHOENIX CONTACT 0804102 Datasheet HTML 6Page - PHOENIX CONTACT 0804102 Datasheet HTML 7Page - PHOENIX CONTACT 0804102 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Approvals
To download certificates, visit the product detail page: https://www.phoenixcontact.com/us/products/0804102
VDE Zeichengenehmigung
Approval ID: 40047708
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
keine
250 V
16 A
-
-
EAC-RoHS
Approval ID: RU D-DE.HB49.B.00025
EAC
Approval ID: KZ7500651131219505
EO-J/UT/LED/GN - Socket
0804102
https://www.phoenixcontact.com/us/products/0804102
Sep 9, 2025, 12:10AM
Page 6 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com