Electronic Components Datasheet Search
  English  ▼

X  

0804102 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804102
Description  EO-J/UT/LED/GN - Socket
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804102 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804102 Datasheet HTML 1Page - PHOENIX CONTACT 0804102 Datasheet HTML 2Page - PHOENIX CONTACT 0804102 Datasheet HTML 3Page - PHOENIX CONTACT 0804102 Datasheet HTML 4Page - PHOENIX CONTACT 0804102 Datasheet HTML 5Page - PHOENIX CONTACT 0804102 Datasheet HTML 6Page - PHOENIX CONTACT 0804102 Datasheet HTML 7Page - PHOENIX CONTACT 0804102 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Socket, with light indicator, Pin connector pattern type J, connection method: Screw connection,
color: green, nom. voltage: 250 V AC (50 Hz), nominal current: 16 A, for mounting on a DIN rail
in the service interface or direct mounting, standards/specifications: SEV 1011, Country marking:
Switzerland
Commercial data
Item number
0804102
Packing unit
5 pc
Minimum order quantity
5 pc
Product key
BE761A
GTIN
4055626226378
Weight per piece (including packing)
74.4 g
Weight per piece (excluding packing)
74.4 g
Country of origin
PL
EO-J/UT/LED/GN - Socket
0804102
https://www.phoenixcontact.com/us/products/0804102
Sep 9, 2025, 12:10AM
Page 1 (8)


Similar Part No. - 0804102

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804100 PHOENIX-0804100 Datasheet
267Kb / 8P
EO-J/UT/GN - Socket
0804101 PHOENIX-0804101 Datasheet
269Kb / 8P
EO-J/UT/LED - Socket
0804103 PHOENIX-0804103 Datasheet
276Kb / 8P
EO-J/UT/LED/DUO - Double socket
0804104 PHOENIX-0804104 Datasheet
276Kb / 8P
EO-J/UT/LED/DUO/GN - Double socket
0804105 PHOENIX-0804105 Datasheet
268Kb / 8P
EO-J/PT - Socket
More results

Similar Description - 0804102

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3045091 PHOENIX-3045091 Datasheet
161Kb / 6P
UT 2,5 GN
3045156 PHOENIX-3045156 Datasheet
145Kb / 6P
UT 4 GN
3045211 PHOENIX-3045211 Datasheet
144Kb / 6P
UT 6 GN
3046333 PHOENIX-3046333 Datasheet
143Kb / 6P
UT 10 GN
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com