Electronic Components Datasheet Search
  English  ▼

X  

CDPH73 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDPH73
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPH73 Datasheet(HTML) 2 Page - Sumida Corporation

  CDPH73 Datasheet HTML 1Page - Sumida Corporation CDPH73 Datasheet HTML 2Page - Sumida Corporation CDPH73 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER INDUCTORS <SMD Type: CDPH Series>
Type: CDPH73
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
◆
Specification
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Rated Current
(A)※1
+
25
CDPH73NP-1ØØN□
100
10μH
-
20%
0.09(0.07)
1.40
+
25
CDPH73NP-12ØN□
120
12μH
-
20%
0.10(0.080)
1.30
+
25
CDPH73NP-15ØN□
150
15μH
-
20%
0.13 (0.10)
1.20
+
25
CDPH73NP-18ØN□
180
18μH
-
20%
0.15 (0.11)
1.10
+
25
CDPH73NP-22ØN□
220
22μH
-
20%
0.17 (0.13)
1.00
+
25
CDPH73NP-27ØN□
270
27μH
-
20%
0.21 (0.16)
0.88
+
25
CDPH73NP-33ØN□
330
33μH
-
20%
0.24 (0.18)
0.80
+
25
CDPH73NP-39ØN□
390
39μH
-
20%
0.31 (0.24)
0.75
+
25
CDPH73NP-47ØN□
470
47μH
-
20%
0.35 (0.27)
0.67
+
25
CDPH73NP-56ØN□
560
56μH
-
20%
0.40 (0.30)
0.62
+
25
CDPH73NP-68ØN□
680
68μH
-
20%
0.52 (0.40)
0.54
+
25
CDPH73NP-82ØN□
820
82μH
-
20%
0.60 (0.45)
0.52
+
25
CDPH73NP-1Ø1N□
101
100μH
-
20%
0.70 (0.55)
0.46
+
25
CDPH73NP-121N□
121
120μH
-
20%
0.82 (0.63)
0.42
+
25
CDPH73NP-151N□
151
150μH
-
20%
1.35 (1.05)
0.37
+
25
CDPH73NP-181N□
181
180μH
-
20%
1.50 (1.15)
0.33



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com