Electronic Components Datasheet Search
  English  ▼

X  

CDPH73 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDPH73
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPH73 Datasheet(HTML) 3 Page - Sumida Corporation

  CDPH73 Datasheet HTML 1Page - Sumida Corporation CDPH73 Datasheet HTML 2Page - Sumida Corporation CDPH73 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER INDUCTORS <SMD Type: CDPH Series>
Type: CDPH73
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Rated Current
(A)※1
+
25
CDPH73NP-221N□
221
220μH
-
20%
1.70 (1.30)
0.30
+
25
CDPH73NP-271N□
271
270μH
-
20%
1.90 (1.50)
0.28
+
25
CDPH73NP-331N□
331
330μH
-
20%
2.80 (2.14)
0.25
+
25
CDPH73NP-391N□
391
390μH
-
20%
3.00 (2.30)
0.22
+
25
CDPH73NP-471N□
471
470μH
-20%
3.50 (2.70)
0.20
※
Description of part name
CDPH73NP-1ØØN□
※
1 Rated current: The DC current at which the inductance decreases to 75% of it's initial value
or when △t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com