| Electronic Components Datasheet Search |
|
DAC5672MPFBREP Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC5672MPFBREP Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 30 page ![]() www.ti.com GSET MODE Internal Digital In DVDD DGND Input Interfaces Dual-Bus Data Interface and Timing DAC5672-EP SGLS339A – JUNE 2006 – REVISED OCTOBER 2006 DIGITAL INPUTS AND TIMING (continued) Figure 19. CMOS/TTL Digital Equivalent Input With Internal Pullup Resistor The DAC5672 features two operating modes selected by the MODE pin (see Table 1). • For dual-bus input mode, the device essentially consists of two separate DACs. Each DAC has its own separate data input bus, clock input, and data write signal (data latch-in). • In single-bus interleaved mode, the data must be presented interleaved at the A-channel input bus. The B-channel input bus is not used in this mode. The clock and write input are now shared by both DACs. Table 1. Operating Modes MODE PIN MODE pin connected to DGND MODE pin connected to DVDD BUS INPUT Single-bus interleaved mode, clock and write input equal for both DACs Dual-bus mode, DACs operate independently In dual-bus mode, the MODE pin is connected to DVDD. The two converter channels within the DAC5672 consist of two independent, 14-bit, parallel data ports. Each DAC channel is controlled by its own set of write (WRTA, WRTB) and clock (CLKA, CLKB) lines. The WRTA/B lines control the channel input latches and the CLKA/B lines control the DAC latches. The data is first loaded into the input latch by a rising edge of the WRTA/B line. The internal data transfer requires a correct sequence of write and clock inputs, since essentially two clock domains having equal periods (but possibly different phases) are input to the DAC5672. This is defined by a minimum requirement of the time between the rising edge of the clock and the rising edge of the write inputs. This essentially implies that the rising edge of CLKA/B must occur at the same time or before the rising edge of the WRTA/B signal. A minimum delay of 2 ns must be maintained if the rising edge of the clock occurs after the rising edge of the write. Note that these conditions are satisfied when the clock and write inputs are connected externally. Note that all specifications were measured with the WRTA/B and CLKA/B lines connected together. 14 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |