Electronic Components Datasheet Search
  English  ▼

X  

DAC7553 Datasheet(PDF) 18 Page - Texas Instruments

Part # DAC7553
Description  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7553 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC7553 Datasheet HTML 14Page - Texas Instruments DAC7553 Datasheet HTML 15Page - Texas Instruments DAC7553 Datasheet HTML 16Page - Texas Instruments DAC7553 Datasheet HTML 17Page - Texas Instruments DAC7553 Datasheet HTML 18Page - Texas Instruments DAC7553 Datasheet HTML 19Page - Texas Instruments DAC7553 Datasheet HTML 20Page - Texas Instruments DAC7553 Datasheet HTML 21Page - Texas Instruments DAC7553 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
www.ti.com
Vout + VREF
R2
R1 )
1
Din
4096 *
V
tail
R2
R1
(1)
DAC7553
SLAS477 – SEPTEMBER 2005
errors are not an issue for loop accuracy because
offset and gain errors could be tolerated. One
DAC7553 channel can provide the Vtail voltage, while
Fixed R1 and R2 resistors can be used to coarsely
the other DAC7553 channel can provide Vdac voltage
set the gain required in the first term of the equation.
to help generate the high-voltage outputs.
Once R2 and R1 set the gain to include some
For ±5-V operation: R1=10 k
Ω, R2 = 15 kΩ, V
tail =
minimal over-range, a DAC7553 channel could be
3.33 V, VREF= 4.096 V
used to set the required offset voltage. Residual
For ±10-V operation: R1=10 k
Ω, R2 = 39 kΩ, V
tail =
2.56 V, VREF = 4.096 V
For ±12-V operation: R1=10 k
Ω, R2 = 49 kΩ, V
tail =
2.45 V, VREF = 4.096 V
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com