Electronic Components Datasheet Search
  English  ▼

X  

DAC7553 Datasheet(PDF) 14 Page - Texas Instruments

Part # DAC7553
Description  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7553 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC7553 Datasheet HTML 10Page - Texas Instruments DAC7553 Datasheet HTML 11Page - Texas Instruments DAC7553 Datasheet HTML 12Page - Texas Instruments DAC7553 Datasheet HTML 13Page - Texas Instruments DAC7553 Datasheet HTML 14Page - Texas Instruments DAC7553 Datasheet HTML 15Page - Texas Instruments DAC7553 Datasheet HTML 16Page - Texas Instruments DAC7553 Datasheet HTML 17Page - Texas Instruments DAC7553 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
www.ti.com
3-Wire Serial Interface
POWER-DOWN MODE
DAC7553
SLAS477 – SEPTEMBER 2005
TYPICAL CHARACTERISTICS (continued)
The DAC7553 digital interface is a standard 3-wire SPI/QSPI/Microwire/DSP-compatible interface.
Table 1. Serial Interface Programming
CONTROL
DATA BITS
DAC(s)
FUNCTION
DB15
DB14
DB13
DB12
DB11-DB10
0
0
0
0
data
A
Single Channel Store. The TMP register of channel A is updated.
0
0
1
0
data
B
Single Channel Store. The TMP register of channel B is updated.
0
1
0
0
data
A
Single Channel Update. The TMP and DAC registers of channel A are
updated.
0
1
1
0
data
B
Single Channel Update. The TMP and DAC registers of channel A are
updated and the DAC register of channel B is updated with input register data.
1
0
0
0
data
A
Single Channel Update. The TMP and DAC registers of channel B are
updated.
1
0
1
0
data
B
Single Channel Update. The TMP and DAC registers of channel B are
updated and the DAC register of channel A is updated with input register data.
1
1
0
0
data
A–B
All Channel Update. The TMP and DAC registers of channels A and B are
updated.
1
1
1
0
data
A–B
All Channel DAC Update. The DAC register of channels A and B are updated
with input register data.
In power-down mode, the DAC outputs are programmed to one of three output impedances, 1 k
Ω, 100 kΩ, or
floating.
Table 2. Power-Down Mode Control
EXTENDED CONTROL
DATA BITS
FUNCTION
DB15
DB14
DB13
DB12
DB11
DB10
DB9-DB0
0
0
X
1
0
0
X
PWD Hi-Z (all channels)
0
0
X
1
0
1
X
PWD 1 k
Ω (all channels)
0
0
X
1
1
0
X
PWD 100 k
Ω (all channels)
0
0
X
1
1
1
X
PWD Hi-Z (all channels)
0
1
X
1
0
0
X
PWD Hi-Z (selected channel = A)
0
1
X
1
0
1
X
PWD 1 k
Ω (selected channel = A)
0
1
X
1
1
0
X
PWD 100 k
Ω (selected channel = A)
0
1
X
1
1
1
X
PWD Hi-Z (selected channel = A)
1
0
X
1
0
0
X
PWD Hi-Z (selected channel = B)
1
0
X
1
0
1
X
PWD 1 k
Ω (selected channel = B)
1
0
X
1
1
0
X
PWD 100 k
Ω (selected channel = B)
1
0
X
1
1
1
X
PWD Hi-Z (selected channel = B)
1
1
X
1
0
0
X
PWD Hi-Z (all channels)
1
1
X
1
0
1
X
PWD 1 k
Ω (all channels)
1
1
X
1
1
0
X
PWD 100 k
Ω (all channels)
1
1
X
1
1
1
X
PWD Hi-Z (all channels)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com