Electronic Components Datasheet Search
  English  ▼

X  

LM7301 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM7301
Description  DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7301 Datasheet(HTML) 3 Page - Texas Instruments

  LM7301 Datasheet HTML 1Page - Texas Instruments LM7301 Datasheet HTML 2Page - Texas Instruments LM7301 Datasheet HTML 3Page - Texas Instruments LM7301 Datasheet HTML 4Page - Texas Instruments LM7301 Datasheet HTML 5Page - Texas Instruments LM7301 Datasheet HTML 6Page - Texas Instruments LM7301 Datasheet HTML 7Page - Texas Instruments LM7301 Datasheet HTML 8Page - Texas Instruments LM7301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
VA
VOUTA
VOUTB
VOUTD
VOUTC
SCLK
DIN
VREFIN
GND
VSSOP
1
2
3
4
5
10
9
8
7
6
SYNC
VA
VOUTA
VOUTB
VOUTD
VOUTC
SCLK
DIN
VREFIN
GND
SON
1
2
3
4
5
10
9
8
7
6
SYNC
3
DAC084S085
www.ti.com
SNAS363F – MAY 2006 – REVISED MARCH 2016
Product Folder Links: DAC084S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
5 Description
A power-on reset circuit ensures that the DAC output powers up to zero volts and remains there until there is a
valid write to the device. A power-down feature reduces power consumption to less than a microWatt with three
different termination options.
The low-power consumption and small packages of the DAC084S085 make it an excellent choice for use in
battery-operated equipment.
The DAC084S085 is one of a family of pin-compatible DACs, including the 10-bit DAC104S085 and the 12-bit
DAC124S085. The DAC084S085 operates over the extended industrial temperature range of
−40°C to +105°C.
6 Pin Configuration and Functions
DSC Package
10-Pin WSON
Top View
DGS Package
10-Pin VSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VA
Supply
Power supply input. Must be decoupled to GND.
2
VOUTA
Analog Output
Channel A Analog Output Voltage.
3
VOUTB
Analog Output
Channel B Analog Output Voltage.
4
VOUTC
Analog Output
Channel C Analog Output Voltage.
5
VOUTD
Analog Output
Channel D Analog Output Voltage.
6
GND
Ground
Ground reference for all on-chip circuitry.
7
VREFIN
Analog Input
Unbuffered reference voltage shared by all channels. Must be decoupled
to GND.
8
DIN
Digital Input
Serial Data Input. Data is clocked into the 16-bit shift register on the
falling edges of SCLK after the fall of SYNC.
9
SYNC
Digital Input
Frame synchronization input for the data input. When this pin goes low, it
enables the input shift register and data is transferred on the falling edges
of SCLK. The DAC is updated on the 16th clock cycle unless SYNC is
brought high before the 16th clock, in which case the rising edge of
SYNC acts as an interrupt and the write sequence is ignored by the DAC.
10
SCLK
Digital Input
Serial Clock Input. Data is clocked into the input shift register on the
falling edges of this pin.
11
PAD
(WSON only)
Ground
Exposed die attach pad can be connected to ground or left floating.
Soldering the pad to the PCB offers optimal thermal performance and
enhances package self-alignment during reflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com