Electronic Components Datasheet Search
  English  ▼

X  

DAC5672MPFBREP.A Datasheet(PDF) 15 Page - Texas Instruments

Part # DAC5672MPFBREP.A
Description  DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5672MPFBREP.A Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC5672MPFBREP.A Datasheet HTML 11Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 12Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 13Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 14Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 15Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 16Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 17Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 18Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
www.ti.com
DIGITAL INPUTS AND TIMING (continued)
Valid Data
DA[13:0]/DB[13:0]
tsu
th
tLAT
tpd
tsettle
WRTA/WRTB
CLKA/CLKB
IOUT
or
IOUT
t1ph
Single-Bus Interleaved Data Interface and Timing
DAC5672-EP
SGLS339A – JUNE 2006 – REVISED OCTOBER 2006
Figure 20. Dual-Bus Mode Operation
In single-bus interleaved mode, the MODE pin is connected to DGND. Figure 21 shows the timing diagram. In
interleaved mode, the A and B channels share the write input (WRTIQ) and update clock (CLKIQ and internal
CLKDACIQ). Multiplexing logic directs the input word at the A-channel input bus to either the A-channel input
latch (SELECTIQ is high) or to the B-channel input latch (SELECTIQ is low). When SELECTIQ is high, the data
value in the B-channel latch is retained by presenting the latch output data to its input again. When SELECTIQ
is low, the data value in the A-channel latch is retained by presenting the latch output data to its input.
In interleaved mode, the A-channel input data rate is twice the update rate of the DAC core. As in dual-bus
mode, it is important to maintain a correct sequence of write and clock inputs. The edge-triggered flip-flops latch
the A- and B-channel input words on the rising edge of the write input (WRTIQ). This data is presented to the A-
and B-DAC latches on the following falling edge of the write inputs. The DAC5672 clock input is divided by a
factor of two before it is presented to the DAC latches.
Correct pairing of the A- and B-channel data is done by RESETIQ. In interleaved mode, the clock input CLKIQ is
divided by two, which would translate to a nondeterministic relation between the rising edges of the CLKIQ and
CLKDACIQ. RESETIQ ensures, however, that the correct position of the rising edge of CLKDACIQ, with respect
to the data at the input of the DAC latch, is determined. CLKDACIQ is disabled (low) when RESETIQ is high.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com