Electronic Components Datasheet Search
  English  ▼

X  

DAC5672MPFBREP.A Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC5672MPFBREP.A
Description  DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5672MPFBREP.A Datasheet(HTML) 3 Page - Texas Instruments

  DAC5672MPFBREP.A Datasheet HTML 1Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 2Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 3Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 4Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 5Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 6Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 7Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 8Page - Texas Instruments DAC5672MPFBREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.ti.com
DEVICE INFORMATION
13 14 15
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
DA13 (MSB)
DA12
DA11
DA10
DA9
DA8
DA7
DA6
DA5
DA4
DA3
DA2
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
Top View
48-Pin TQFP
PFB Package
DAC5672-EP
SGLS339A – JUNE 2006 – REVISED OCTOBER 2006
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
38
I
Analog ground
AVDD
47
I
Analog supply voltage
BIASJ_A
44
O
Full-scale output current bias for DACA
BIASJ_B
41
O
Full-scale output current bias for DACB
CLKA/CLKIQ
18
I
Clock input for DACA, CLKIQ in interleaved mode
CLKB/RESETIQ
19
I
Clock input for DACB, RESETIQ in interleaved mode
DA[13:0]
1–14
I
Data port A. DA13 is MSB and DA0 is LSB.
DB[13:0]
23–36
I
Data port B. DB13 is MSB and DB0 is LSB.
DGND
15, 21
I
Digital ground
DVDD
16, 22
I
Digital supply voltage
EXTIO
43
I/O
Internal reference output (bypass with 0.1
µF to AGND) or external reference input
GSET
42
I
Gain-setting mode: H = 1 resistor, L = 2 resistors. Internal pullup.
IOUTA1
46
O
DACA current output. Full scale with all bits of DA high.
IOUTA2
45
O
DACA complementary current output. Full scale with all bits of DA low.
IOUTB1
39
O
DACB current output. Full scale with all bits of DB high.
IOUTB2
40
O
DACB complementary current output. Full scale with all bits of DB low.
MODE
48
I
Mode select: H = dual bus, L = interleaved. Internal pullup.
Sleep function control input: H = DAC in power-down mode, L = DAC in operating mode.
SLEEP
37
I
Internal pulldown.
WRTA/WRTIQ
17
I
Input write signal for PORT A (WRTIQ in interleaving mode)
WRTB/SELECTIQ
20
I
Input write signal for PORT B (SELECTIQ in interleaving mode)
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com