Electronic Components Datasheet Search
  English  ▼

X  

ZMM5259 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # ZMM5259
Description  0.5W SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

ZMM5259 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  ZMM5259 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. ZMM5259 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. ZMM5259 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ZMM5221 THRU ZMM5262
0.5W SILICON PLANAR
ZENER DIODES
Features
Mechanical Data
· Standards Zener voltage tolerance is ±20%.Add suffix "A"
for ±10% tolerance and suffix "B" for ±5% tolerance other
tolerance, non standards and higher zener voltage upon
request.
· These diode are also available in DO-35 case with type
designation 1N5221 thru 1N5262
· Case : MELF(DO-35) glass case
· Weight : Approx. 0.05 gram
Absolute Maximum Ratings (Limiting Values)
(TA=25℃)
Electrical Characteristics
(TA=25℃)
Symbols
Value
Units
Zener current see table "Characteristics"
Power dissipation at TA=75℃
mW
5001)
Junction Temperature
℃
-65 to+175
Storage Temperature range
℃
Ptot
TJ
175
TSTG
1) Valid provided that electrodes are kept at ambient temperature
Symbols
Units
Thermal resistance junction to ambient
℃/W
Forward voltage at IF=200mA
1) Valid provided that electrodes are kept at ambient temperature
RθJA
VF
Min.
Typ.
Max.
3001)
1.1
V
Dimensions in inches and (millimeters)
MELF (DO-35)
0.146(3.70)
0.130(3.30)
0.020(0.50)
0.011(0.28)
SOLDERABLE ENDS
0.063(1.60)
0.051(1.30)


Similar Part No. - ZMM5259

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM5259 SEMTECH-ZMM5259 Datasheet
402Kb / 3P
SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMM5259 GE-ZMM5259 Datasheet
75Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZMM5259 GOOD-ARK-ZMM5259 Datasheet
34Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Daya Electric Group Co....
ZMM5259 DAYA-ZMM5259 Datasheet
366Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
ZMM5259 JINANJINGHENG-ZMM5259 Datasheet
118Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM5259

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
1N957THRU1N978 CHENYI-1N957THRU1N978 Datasheet
46Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com