Electronic Components Datasheet Search
  English  ▼

X  

ZMM5259 Datasheet(PDF) 3 Page - DAESAN ELECTRONIC CORP.

Part # ZMM5259
Description  0.5W SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

ZMM5259 Datasheet(HTML) 3 Page - DAESAN ELECTRONIC CORP.

  ZMM5259 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. ZMM5259 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. ZMM5259 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Admissible power dissipation versus ambient temperature
(Valid provided that electrodes are kept at ambient
temperature)
0
50
100
150
200
250 ℃
Tamb
mW
0
200
100
500
400
300
Ptot
ZMM5221...
ZMM5221 THRU ZMM5262 SILICON PLANAR ZENER DIODES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com