Electronic Components Datasheet Search
  English  ▼

X  

INA253A2IPWR Datasheet(PDF) 14 Page - Texas Instruments

Part # INA253A2IPWR
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253A2IPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA253A2IPWR Datasheet HTML 10Page - Texas Instruments INA253A2IPWR Datasheet HTML 11Page - Texas Instruments INA253A2IPWR Datasheet HTML 12Page - Texas Instruments INA253A2IPWR Datasheet HTML 13Page - Texas Instruments INA253A2IPWR Datasheet HTML 14Page - Texas Instruments INA253A2IPWR Datasheet HTML 15Page - Texas Instruments INA253A2IPWR Datasheet HTML 16Page - Texas Instruments INA253A2IPWR Datasheet HTML 17Page - Texas Instruments INA253A2IPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
1.99
1.995
2
2.005
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C030
14
INA253
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 Temperature Stability
System calibration is common for many industrial applications in order to eliminate initial component and system-
level errors that can be present. A system-level calibration reduces the initial accuracy requirement for many of
the individual components because the errors associated with these components are effectively eliminated
through the calibration procedure. This calibration enables precise measurements at the temperature in which
the system is calibrated. As the system temperature changes because of external ambient changes or self
heating, measurement errors are reintroduced. Without accurate temperature compensation used in addition to
the initial adjustment, the calibration procedure is not effective. The user must account for temperature-induced
changes. One of the primary benefits of the low temperature coefficient of the INA253 (including both the
integrated current-sensing resistor and current-sensing amplifier) is that the device measurement remains
accurate, even when the temperature changes throughout the specified temperature range of the device.
Figure 31 shows the drift performance for the integrated current-sensing resistor. Use Figure 31 to determine the
typical variance in the shunt resistor value at various temperatures. As with any resistive element, the tolerance
of the component varies when exposed to different temperature conditions.
For the current-sensing resistor
integrated in the INA253, the resistor does vary slightly more when operated in temperatures ranging from –40°C
to 0°C than when operated from 0°C to 125°C. Even in the –40°C to 0°C temperature range, the drift is still low
at 25 ppm/°C.
Figure 31. Sensing Resistor vs Temperature
An additional aspect to consider is that when current flows through the current-sensing resistor, power is
dissipated across this component. This dissipated power results in an increase in the internal temperature of the
package, including the integrated sensing resistor. This resistor self-heating effect results in an increase of the
resistor temperature helping to move the component out of the colder, wider drift temperature region.
8.3.4 Enhanced PWM Rejection Operation
The enhanced PWM rejection feature of the INA253 provides increased attenuation of large common-mode
ΔV/Δt transients. Large ΔV/Δt common-mode transients associated with PWM signals are employed in
applications such as motor or solenoid drive and switching power supplies. Traditionally, large ΔV/Δt common-
mode transitions are handled strictly by increasing the amplifier signal bandwidth, which can increase chip size,
complexity and ultimately cost. The INA253 is designed with high common-mode rejection techniques to reduce
large ΔV/Δt transients before the system is disturbed as a result of these large signals. The high ac CMRR, in
conjunction with signal bandwidth, allows the INA253 to provide minimal output transients and ringing compared
with standard circuit approaches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com