Electronic Components Datasheet Search
  English  ▼

X  

INA253A2IPWR Datasheet(PDF) 23 Page - Texas Instruments

Part # INA253A2IPWR
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253A2IPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA253A2IPWR Datasheet HTML 19Page - Texas Instruments INA253A2IPWR Datasheet HTML 20Page - Texas Instruments INA253A2IPWR Datasheet HTML 21Page - Texas Instruments INA253A2IPWR Datasheet HTML 22Page - Texas Instruments INA253A2IPWR Datasheet HTML 23Page - Texas Instruments INA253A2IPWR Datasheet HTML 24Page - Texas Instruments INA253A2IPWR Datasheet HTML 25Page - Texas Instruments INA253A2IPWR Datasheet HTML 26Page - Texas Instruments INA253A2IPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
INA253
REF2
VS
OUT
GND
IN+
IN±
±
REF1
2.7-V to 5.5-V
VDD
23
INA253
www.ti.com
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.2.2 Speaker Enhancements and Diagnostics Using Current Sense Amplifier
CLASS-D audio amplifiers in conjunction with the INA253 provide accurate speaker load current. Speaker load
current is used to determine speaker diagnostics, and can further be expanded to measure key speaker
parameters, such as speaker coil resistance and speaker real-time ambient temperature.
Figure 43. Current Sensing in a CLASS-D Subsystem
9.2.2.1 Design Requirements
Table 3. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Common-mode voltage
24 V
Power-supply voltage
5 V
Maximum rms current
5 A
Frequency sweep
20 Hz to 20 Khz
9.2.2.2 Detailed Design Procedure
For this application, the INA253 measures current flowing through the speaker from the CLASS-D amplifier. The
integrated shunt of 2 mΩ with an inductance of only 3 nH is an excellent choice for current sensing in speaker
applications where low inductance is required. The low-inductive shunt enables accurate current sensing across
frequencies over the audio range of 20 hz to 20 kHz.
The INA253 is setup in a bidirectional with the reference set to mid-supply as shown in Figure 37. The power
supply to INA253 is setup at 5 V. The output of INA253 is set at 2.5 V. The INA253 with a gain of 100 mV/A, the
INA253 output for a peak to peak of 10-A current the output of the INA253 will swing from 3.5 V to 1.5 V. The
output can be directly connected to ADC input that has a full scale range of 5 V. The INA253 has a low THD+N
of 0.1% at 1 kHz that enables distortion measurement of speaker. The INA253 can measure the impedance of
the speaker and accurately measure the resonance frequency and peak impedance at resonance frequency. The
INA253 can accurately track changes in impedance real time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com