Electronic Components Datasheet Search
  English  ▼

X  

INA128HD Datasheet(PDF) 16 Page - Texas Instruments

Part # INA128HD
Description  INA12x-HT Precision, Low-Power Instrumentation Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA128HD Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA128HD Datasheet HTML 12Page - Texas Instruments INA128HD Datasheet HTML 13Page - Texas Instruments INA128HD Datasheet HTML 14Page - Texas Instruments INA128HD Datasheet HTML 15Page - Texas Instruments INA128HD Datasheet HTML 16Page - Texas Instruments INA128HD Datasheet HTML 17Page - Texas Instruments INA128HD Datasheet HTML 18Page - Texas Instruments INA128HD Datasheet HTML 19Page - Texas Instruments INA128HD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
RG
Also drawn in simplified form:
INA1 28
Ref
VO
VIN
VIN
+
INA128:
INA129:
INA128
INA129
NC: No Connection
A
1
A
2
A
3
6
7
4
3
8
1
2
V
IN
VIN
RG
V+
INA128, INA129
+
5
Over Voltage
Protection
Over Voltage
Protection
Load
+
O
V
Ref
NOTE: (1) INA129: 24.7kW
0.1mF
0.1mF
V
25kW(1)
25kW(1)
40k
40kW
W
40k
40k
W
W
49.4 kW
R
G
G = 1 +
50 kW
R
G
G = 1 +
1
2
5
10
20
50
100
200
500
1000
2000
5000
10000
NC
49.4K
12.35K
5489
2600
1008
499
248
99
49.5
24.7
9.88
4.94
NC
49.9K
12.4K
5.49K
2.61K
1K
499
249
100
49.9
24.9
9.76
4.87
NC
50K
12.5K
5.556K
2.632K
1.02K
505.1
251.3
100.2
50.5
25.01
10
5.001
NC
49.9K
12.4K
5.62K
2.61K
1.02K
511
249
100
49.9
24.9
10
4.99
DESIRED
GAIN (V/V)
R
( )
W
G
NEAREST
1% R ( )
W
G
R
( )
W
G
NEAREST
1% R ( )
W
G
V
O = G
(V
- V )
·
IN
IN
-
+
INA128-HT, INA129-HT
SBOS501F – JANUARY 2010 – REVISED FEBRUARY 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The INA12x measures small differential voltage with high common-mode voltage developed between the non-
inverting and inverting input. The high-input voltage protection circuit in conjunction with high input impedance
make the INA12x suitable for a wide range of applications. The ability to set the reference pin to adjust the
functionality of the output signal offers additional flexibility that is practical for multiple configurations.
9.2 Typical Application
Figure 20 shows the basic connections required for operation of the INA128-HT and INA129-HT. Applications
with noisy or high impedance power supplies may require decoupling capacitors close to the device pins as
shown.
The output is referred to the output reference (Ref) pin that is normally grounded. This must be a low-impedance
connection to assure good common-mode rejection. A resistance of 8
Ω in series with the Ref pin will cause a
typical device to degrade.
Figure 20. Basic Connections
9.2.1 Design Requirements
The device can be configured to monitor the input differential voltage when the gain of the input signal is set by
the external resistor RG. The output signal references to the Ref pin. The most common application is where the
output is referenced to ground when no input signal is present by connecting the Ref pin to ground, as Figure 20
shows. When the input signal increases, the output voltage at the OUT pin increases, too.
16
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com