Electronic Components Datasheet Search
  English  ▼

X  

INA128HD Datasheet(PDF) 5 Page - Texas Instruments

Part # INA128HD
Description  INA12x-HT Precision, Low-Power Instrumentation Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA128HD Datasheet(HTML) 5 Page - Texas Instruments

  INA128HD Datasheet HTML 1Page - Texas Instruments INA128HD Datasheet HTML 2Page - Texas Instruments INA128HD Datasheet HTML 3Page - Texas Instruments INA128HD Datasheet HTML 4Page - Texas Instruments INA128HD Datasheet HTML 5Page - Texas Instruments INA128HD Datasheet HTML 6Page - Texas Instruments INA128HD Datasheet HTML 7Page - Texas Instruments INA128HD Datasheet HTML 8Page - Texas Instruments INA128HD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
INA128-HT, INA129-HT
www.ti.com
SBOS501F – JANUARY 2010 – REVISED FEBRUARY 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply
±18
Volttage
V
Analog input
±40
Current
Output short-circuit (to ground)
Continuous
HKJ, HKQ, KGD and JD packages
–55
210
Operating temperature
°C
D package
–55
175
HKJ, HKQ, KGD and JD packages
–55
210
Storage temperature, Tstg
°C
D package
–55
175
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
A. INA218-HT (D, HKJ, or JDJ Package)
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±50
C101(2)
B. INA129-HT (HKQ Package)
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±4000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±200
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V power supply
±2.25
±15
±18
V
Input common-mode voltage range for VO = 0
V - 2 V
V + –2 V
TA operating temperature INA128-HT
–55
175
°C
TA operating temperature INA129-HT
–55
210
°C
7.4 Thermal Information: INA128-HT
INA128-HT
THERMAL METRIC(1)
D [SOIC]
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
110
RθJC(top)
Junction-to-case (top) thermal resistance
57
RθJB
Junction-to-board thermal resistance
54
°C/W
ψJT
Junction-to-top characterization parameter
11
ψJB
Junction-to-board characterization parameter
53
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com