Electronic Components Datasheet Search
  English  ▼

X  

ISO7830FDWR Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO7830FDWR
Description  ISO7830x High-Performance, 8000-VPK Reinforced Triple Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7830FDWR Datasheet(HTML) 5 Page - Texas Instruments

  ISO7830FDWR Datasheet HTML 1Page - Texas Instruments ISO7830FDWR Datasheet HTML 2Page - Texas Instruments ISO7830FDWR Datasheet HTML 3Page - Texas Instruments ISO7830FDWR Datasheet HTML 4Page - Texas Instruments ISO7830FDWR Datasheet HTML 5Page - Texas Instruments ISO7830FDWR Datasheet HTML 6Page - Texas Instruments ISO7830FDWR Datasheet HTML 7Page - Texas Instruments ISO7830FDWR Datasheet HTML 8Page - Texas Instruments ISO7830FDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
ISO7830, ISO7830F
www.ti.com
SLLSEO2B – JULY 2015 – REVISED JUNE 2016
Product Folder Links: ISO7830 ISO7830F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak
voltage values.
(3)
Maximum voltage must not exceed 6 V
6 Specifications
6.1 Absolute Maximum Ratings
See
(1)
MIN
MAX
UNIT
VCC1
VCC2
Supply voltage(2)
–0.5
6
V
V
Voltage at INx, OUTx, or EN2x
–0.5
VCCx + 0.5
(3)
V
IO
Output current
–15
15
mA
TJ
Junction temperature
–55
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±6000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC1,
VCC2
Supply voltage
2.25
5.5
V
IOH
High-level output current
VCCO
(1) = 5 V
–4
mA
VCCO
(1) = 3.3 V
–2
VCCO
(1) = 2.5 V
–1
IOL
Low-level output current
VCCO
(1) = 5 V
4
mA
VCCO
(1) = 3.3 V
2
VCCO
(1) = 2.5 V
1
VIH
High-level input voltage
0.7 × VCCI
(1)
VCCI
(1)
V
VIL
Low-level input voltage
0
0.3 × VCCI
(1)
V
DR
Signaling rate
0
100
Mbps
TA
Ambient temperature
–55
25
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com