Electronic Components Datasheet Search
  English  ▼

X  

0804160 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0804160
Description  EO-AB/UT/LED/S/15 - Socket
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804160 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0804160 Datasheet HTML 1Page - PHOENIX CONTACT 0804160 Datasheet HTML 2Page - PHOENIX CONTACT 0804160 Datasheet HTML 3Page - PHOENIX CONTACT 0804160 Datasheet HTML 4Page - PHOENIX CONTACT 0804160 Datasheet HTML 5Page - PHOENIX CONTACT 0804160 Datasheet HTML 6Page - PHOENIX CONTACT 0804160 Datasheet HTML 7Page - PHOENIX CONTACT 0804160 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Insulating material
PA
Contact material
CuZn38
Static insulating material application in cold
-60 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
130 °C
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3
Surface flammability NFPA 130 (ASTM E 162)
passed
Specific optical density of smoke NFPA 130 (ASTM E 662)
passed
Smoke gas toxicity NFPA 130 (SMP 800C)
passed
Connector
Type of plug
Pin connector pattern type AB 15A
Environmental and real-life conditions
Oscillation/broadband noise
Specification
DIN EN 50155 (VDE 0115-200):2022-06
Spectrum
Long life test category 2, bogie-mounted
Frequency
f1 = 5 Hz to f2 = 250 Hz
ASD level
6.12 (m/s²)²/Hz
Acceleration
3.12g
Test duration per axis
5 h
Test directions
X-, Y- and Z-axis
Result
Test passed
Shocks
Specification
DIN EN 50155 (VDE 0115-200):2022-06
Pulse shape
Half-sine
Acceleration
30g
Shock duration
18 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
Result
Test passed
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-5 °C ... 40 °C (according to IEC 60884-1, average value over a
period of 24 hours not above +35°C)
Ambient temperature (storage/transport)
-25 °C ... 60 °C (for a short time, not exceeding 24 h, -60 °C to
+70 °C)
Permissible humidity (storage/transport)
30 % ... 70 %
Standards and regulations
EO-AB/UT/LED/S/15 - Socket
0804160
https://www.phoenixcontact.com/us/products/0804160
Sep 10, 2025, 12:30AM
Page 3 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com