Electronic Components Datasheet Search
  English  ▼

X  

0804160 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804160
Description  EO-AB/UT/LED/S/15 - Socket
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804160 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804160 Datasheet HTML 1Page - PHOENIX CONTACT 0804160 Datasheet HTML 2Page - PHOENIX CONTACT 0804160 Datasheet HTML 3Page - PHOENIX CONTACT 0804160 Datasheet HTML 4Page - PHOENIX CONTACT 0804160 Datasheet HTML 5Page - PHOENIX CONTACT 0804160 Datasheet HTML 6Page - PHOENIX CONTACT 0804160 Datasheet HTML 7Page - PHOENIX CONTACT 0804160 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Socket, with LED display, switch, Pin connector pattern type AB 15A, connection method: Screw
connection, color: gray, nom. voltage: 125 V AC (60 Hz), nominal current: 15 A, DIN rail or direct
mounting, standards/specifications: UL 508, IEC 60884-1, Country marking: USA, Canada
Commercial data
Item number
0804160
Packing unit
5 pc
Minimum order quantity
5 pc
Sales key
BE76
Product key
BE7613
GTIN
4055626226835
Weight per piece (including packing)
95.57 g
Weight per piece (excluding packing)
95.57 g
Customs tariff number
85366990
Country of origin
PL
EO-AB/UT/LED/S/15 - Socket
0804160
https://www.phoenixcontact.com/us/products/0804160
Sep 10, 2025, 12:30AM
Page 1 (8)


Similar Part No. - 0804160

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804161 PHOENIX-0804161 Datasheet
268Kb / 8P
EO-AB/UT/F - Socket
0804163 PHOENIX-0804163 Datasheet
277Kb / 8P
EO-AB/UT/LED/DUO/15 - Double socket
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
More results

Similar Description - 0804160

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212495 PHOENIX-1212495 Datasheet
77Kb / 3P
MICROFOX-EO
3046207 PHOENIX-3046207 Datasheet
157Kb / 4P
UT 4-MTD-PE/S
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
1263626 PHOENIX-1263626 Datasheet
316Kb / 8P
Double socket - EO-AB/PT/LED/DUO/V/GFI/15
Nov 16, 2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com