Electronic Components Datasheet Search
  English  ▼

X  

LM48824 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM48824
Description  LM48824 Class G Headphone Amplifier with I2C Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48824 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM48824 Datasheet HTML 4Page - Texas Instruments LM48824 Datasheet HTML 5Page - Texas Instruments LM48824 Datasheet HTML 6Page - Texas Instruments LM48824 Datasheet HTML 7Page - Texas Instruments LM48824 Datasheet HTML 8Page - Texas Instruments LM48824 Datasheet HTML 9Page - Texas Instruments LM48824 Datasheet HTML 10Page - Texas Instruments LM48824 Datasheet HTML 11Page - Texas Instruments LM48824 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
100m
2
200m 300m 500m 700m 1
0.01
100
0.1
1
10
OUTPUT VOLTAGE (V)
100m
2
200m 300m 500m 700m 1
0.01
100
0.1
1
10
OUTPUT VOLTAGE (V)
100m
2
200m 300m 500m 700m 1
0.01
100
0.1
1
10
OUTPUT VOLTAGE (V)
100m
2
200m 300m 500m 700m 1
0.01
100
0.1
1
10
OUTPUT VOLTAGE (V)
1
0.01
100
0.1
1
10
100m
200m
400m
600m 800m
OUTPUT VOLTAGE (V)
0.01
100
0.1
1
10
100m
1
200m
400m
600m 800m
OUTPUT VOLTAGE(V)
LM48824
SNAS479D – MARCH 2009 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
THD+N vs Output Voltage
VDD = 3.6V, RL = 16Ω, f = 1kHz
THD+N vs Output Voltage
Low THD Mode
VDD = 3.6V, RL = 16Ω, f = 1kHz
Figure 9.
Figure 10.
THD+N vs Output Voltage
VDD = 3.6V, RL = 32Ω, f = 1kHz
THD+N vs Output Voltage
Low THD Mode
VDD = 3.6V, RL = 32Ω, f = 1kHz
Figure 11.
Figure 12.
THD+N vs Output Voltage
VDD = 3.6V, RL = 47Ω, f = 1kHz
THD+N vs Output Voltage
Low THD Mode
VDD = 3.6V, RL = 47Ω, f = 1kHz
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM48824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com