Electronic Components Datasheet Search
  English  ▼

X  

LM48824 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM48824
Description  LM48824 Class G Headphone Amplifier with I2C Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48824 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM48824 Datasheet HTML 8Page - Texas Instruments LM48824 Datasheet HTML 9Page - Texas Instruments LM48824 Datasheet HTML 10Page - Texas Instruments LM48824 Datasheet HTML 11Page - Texas Instruments LM48824 Datasheet HTML 12Page - Texas Instruments LM48824 Datasheet HTML 13Page - Texas Instruments LM48824 Datasheet HTML 14Page - Texas Instruments LM48824 Datasheet HTML 15Page - Texas Instruments LM48824 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
SDA
SCL
S
P
START condition
STO
P condition
LM48824
SNAS479D – MARCH 2009 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
I
2C COMPATIBLE INTERFACE
The LM48824 is controlled through an I2C compatible serial interface that consists of a serial data line (SDA) and
a serial clock (SCL). The clock line is uni-directional. The data line is bi-directional (open drain). The LM48824
and the master can communicate at clock rates up to 400kHz. Figure 29 shows the I2C interface timing diagram.
Data on the SDA line must be stable during the HIGH period of SCL. The LM48824 is a transmit/receive slave-
only device, reliant upon the master to generate the SCL signal. Each transmission sequence is framed by a
START condition and a STOP condition (Figure 30). Each data word, device address and data, transmitted over
the bus is 8 bits long and is always followed by an acknowledge pulse (Figure 31). The LM48824 device address
is 1100000.
I
2C BUS FORMAT
The I2C bus format is shown in Figure 31. The START signal, the transition of SDA from HIGH to LOW while
SCL is HIGH, is generated, alerting all devices on the bus that a device address is being written to the bus.
The 7-bit device address is written to the bus, most significant bit (MSB) first, followed by the R/W bit (R/W = 0
indicates the master is writing to the LM48824, R/W = 1 indicates the master wants to read data from the
LM48824). Data is latched into the device on the rising clock edge. Each address bit must be stable while SCL is
HIGH. After the last address bit is transmitted, the master device releases SDA, during which time, an
acknowledge clock pulse is generated by the slave device. If the LM48824 receives the correct address, the
device pulls the SDA line low, generating an acknowledge bit (ACK).
Once the master device registers the ACK bit, the 8-bit register address word is sent. Each data bit should be
stable while SCL is HIGH. After the 8-bit register address is sent, the LM48824 sends another ACK bit. Following
the acknowledgment of the register address, the 8-bit register data word is sent. Each data bit should be stable
while SCL is HIGH. After the 8-bit register data is sent, the LM48824 sends another ACK bit. Following the
acknowledgement of the register data word, the master issues a STOP bit, allowing SDA to go high while SCL is
high.
Figure 29. I2C Timing Diagram
Figure 30. Start and Stop Diagram
12
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM48824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com