Electronic Components Datasheet Search
  English  ▼

X  

LM49101TMEVAL Datasheet(PDF) 12 Page - Texas Instruments

Part # LM49101TMEVAL
Description  LM49101 Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49101TMEVAL Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM49101TMEVAL Datasheet HTML 8Page - Texas Instruments LM49101TMEVAL Datasheet HTML 9Page - Texas Instruments LM49101TMEVAL Datasheet HTML 10Page - Texas Instruments LM49101TMEVAL Datasheet HTML 11Page - Texas Instruments LM49101TMEVAL Datasheet HTML 12Page - Texas Instruments LM49101TMEVAL Datasheet HTML 13Page - Texas Instruments LM49101TMEVAL Datasheet HTML 14Page - Texas Instruments LM49101TMEVAL Datasheet HTML 15Page - Texas Instruments LM49101TMEVAL Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
0.05
0.2
OUTPUT POWER (W)
2
1
10
10m
1m
0.5
2
5
0.1
0.02
0.01
100m
1
3.3V
5V
0.05
0.01
OUTPUT POWER (W)
60m
1
10
10m
1m
0.5
2
5
0.1
0.02
0.001
5m
20m
2m
0.2
0.005
0.002
1.8V
2.75V
0.05
0.01
OUTPUT POWER (W)
60m
1
10
10m
1m
0.5
2
5
0.1
0.02
0.001
5m
20m
2m
0.2
0.005
0.002
1.8V
2.75V
OUTPUT POWER (W)
60m
10m
1m
5m
20m
1.8V
2.75V
2m
0.05
0.01
1
10
0.5
2
5
0.1
0.02
0.001
0.2
0.005
0.002
0.05
0.2
OUTPUT POWER (W)
2
1
10
10m
1m
0.5
2
5
0.1
0.02
0.01
100m
1
3.3V
5V
0.05
0.2
OUTPUT POWER (W)
2
1
10
10m
1m
0.5
2
5
0.1
0.02
0.01
100m
1
3.3V
5V
LM49101, LM49101TMEVAL
SNAS475A – MARCH 2009 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
THD+N vs Output Power
THD+N vs Output Power
VDDLS = 3.3V & 5V, f = 1kHz, RL = 8Ω BTL
VDDLS = 3.3V & 5V, f = 1kHz, RL = 8Ω BTL
Mode 1 (Mono), 80kHz BW
Mode 2 (Left + Right), 80kHz BW
Figure 15.
Figure 16.
THD+N vs Output Power
THD+N vs Output Power
VDDLS = 3.3V, VDDHP = 1.8V & 2.75V, f = 1kHz,
VDDLS = 3.3V, VDDHP = 1.8V & 2.75V, f = 1kHz,
RL = 32Ω SE, Mode 4 (Mono), 80kHz BW
RL = 32Ω SE, Mode 8 (Left/Right), 80kHz BW
Figure 17.
Figure 18.
THD+N vs Output Power
THD+N vs Output Power
VDDLS = 3.3V & 5V, VDDHP = 2.75V, f = 1kHz,
VDDLS = 3.3V, VDDHP = 1.8V & 2.75V, f = 1kHz,
RL = 8Ω BTL, Mode 5 (Mono), 80kHz BW
RL = 32Ω SE, Mode 10 (Left/Right), 80kHz BW
Figure 19.
Figure 20.
12
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49101 LM49101TMEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com