Electronic Components Datasheet Search
  English  ▼

X  

LMZ23608 Datasheet(PDF) 24 Page - Texas Instruments

Part # LMZ23608
Description  LMZ23608 8-A SIMPLE SWITCHER® Power Module With 36-V Maximum Input Voltage and Current Sharing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ23608 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMZ23608 Datasheet HTML 20Page - Texas Instruments LMZ23608 Datasheet HTML 21Page - Texas Instruments LMZ23608 Datasheet HTML 22Page - Texas Instruments LMZ23608 Datasheet HTML 23Page - Texas Instruments LMZ23608 Datasheet HTML 24Page - Texas Instruments LMZ23608 Datasheet HTML 25Page - Texas Instruments LMZ23608 Datasheet HTML 26Page - Texas Instruments LMZ23608 Datasheet HTML 27Page - Texas Instruments LMZ23608 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
LMZ23608
SNVS708G – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
9 Power Supply Recommendations
The LMZ23608 device is designed to operate from an input voltage supply range between 6 V and 36 V. This
input supply must be well regulated and able to withstand maximum input current and maintain a stable voltage.
The resistance of the input supply rail must be low enough that an input current transient does not cause a high
enough drop at the LMZ23608 supply voltage that can cause a false UVLO fault triggering and system reset. If
the input supply is more than a few inches from the LMZ23608, additional bulk capacitance may be required in
addition to the ceramic bypass capacitors. The amount of bulk capacitance is not critical, but a 47-
μF or 100-μF
electrolytic capacitor is a typical choice.
10 Layout
10.1 Layout Guidelines
PCB layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance of a
DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce and resistive voltage drop in
the traces. These can send erroneous signals to the DC-DC converter resulting in poor regulation or instability.
Good layout can be implemented by following a few simple design rules. A good layout example is shown in
Figure 59.
1. Minimize area of switched current loops.
From an EMI reduction standpoint, it is imperative to minimize the high di/dt paths during PCB layout as
shown in the figure above. The high current loops that do not overlap have high di/dt content that will cause
observable high frequency noise on the output pin if the input capacitor (CIN) is placed at a distance away
from the LMZ23608. Therefore place CIN as close as possible to the LMZ23608 VIN and PGND exposed
pad. This will minimize the high di/dt area and reduce radiated EMI. Additionally, grounding for both the input
and output capacitor must consist of a localized top side plane that connects to the PGND exposed pad
(EP).
2. Have a single point ground.
The ground connections for the feedback, soft-start, and enable components must be routed to the AGND
pin of the device. This prevents any switched or load currents from flowing in the analog ground traces. If not
properly handled, poor grounding can result in degraded load regulation or erratic output voltage ripple
behavior. Additionally provide a single point ground connection from pin 4 (AGND) to EP/PGND.
3. Minimize trace length to the FB pin.
Both feedback resistors, RFBT and RFBB must be located close to the FB pin. Since the FB node is high
impedance, maintain the copper area as small as possible. The traces from RFBT, RFBB must be routed away
from the body of the LMZ23608 to minimize possible noise pickup.
4. Make input and output bus connections as wide as possible.
This reduces any voltage drops on the input or output of the converter and maximizes efficiency. To optimize
voltage accuracy at the load, ensure that a separate feedback voltage sense trace is made to the load. Doing
so will correct for voltage drops and provide optimum output accuracy.
5. Provide adequate device heat-sinking.
Use an array of heat-sinking vias to connect the exposed pad to the ground plane on the bottom PCB layer.
If the PCB has multiple copper layers, these thermal vias can also be connected to inner layer heat-
spreading ground planes. For best results use a 10 × 10 via array or larger with a minimum via diameter of 8
mil thermal vias spaced 46.8 mil (1.5 mm). Ensure enough copper area is used for heat-sinking to keep the
junction temperature below 125°C.
24
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ23608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com