Electronic Components Datasheet Search
  English  ▼

X  

LMZ23608 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMZ23608
Description  LMZ23608 8-A SIMPLE SWITCHER® Power Module With 36-V Maximum Input Voltage and Current Sharing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ23608 Datasheet(HTML) 3 Page - Texas Instruments

  LMZ23608 Datasheet HTML 1Page - Texas Instruments LMZ23608 Datasheet HTML 2Page - Texas Instruments LMZ23608 Datasheet HTML 3Page - Texas Instruments LMZ23608 Datasheet HTML 4Page - Texas Instruments LMZ23608 Datasheet HTML 5Page - Texas Instruments LMZ23608 Datasheet HTML 6Page - Texas Instruments LMZ23608 Datasheet HTML 7Page - Texas Instruments LMZ23608 Datasheet HTML 8Page - Texas Instruments LMZ23608 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
PGND/EP
Connect to AGND
5
AGND
6
AGND
3
SYNC
1
VIN
2
VIN
4
EN
7
FB
SS
9
SH
10
VOUT
11
VOUT
8
LMZ23608
www.ti.com
SNVS708G – MARCH 2011 – REVISED AUGUST 2015
5 Pin Configuration and Functions
NDY Package
11-Pin
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AGND
5
Ground
Analog Ground — Reference point for all stated voltages. Must be externally connected to
EP/PGND.
6
EN
4
Analog
Enable — Input to the precision enable comparator. Rising threshold is 1.274 V typical. Once the
module is enabled, a 20-µA source current is internally activated to accommodate programmable
hysteresis.
FB
7
Analog
Feedback — Internally connected to the regulation, overvoltage, and short circuit comparators. The
regulation reference point is 0.8 V at this input pin. Connect the feedback resistor divider between
the output and AGND to set the output voltage.
PGND
—
Ground
Exposed Pad / Power Ground Electrical path for the power circuits within the module. — NOT
Internally connected to AGND / pin 5. Used to dissipate heat from the package during operation.
Must be electrically connected to pin 5 external to the package.
SH
9
Analog
Share pin. Connect this to the share pin of other LMZ23608 modules to share the load between the
devices. One device must be configured as the master by connecting the FB normally. All other
devices must be configured as slaves by leaving their respective FB pins floating. Leave this pin
floating if not used, do not ground. See Design Steps section.
SS
8
Analog
Soft-Start/Track input — To extend the 1.6-ms internal soft-start connect an external soft-start
capacitor. For tracking connect to an external resistive divider connected to a higher priority supply
rail. See Design Steps section.
SYNC
3
Analog
Sync Input — Apply a CMOS logic level square wave whose frequency is between 350 kHz and
600 kHz to synchronize the PWM operating frequency to an external frequency source. When not
using synchronization this pin must be tied to ground. The module free running PWM frequency is
350 kHz.
VOUT
10
Power
Output Voltage — Output from the internal inductor. Connect the output capacitor between this pin
and PGND.
11
VIN
1
Power
Supply input — Nominal operating range is 6 V to 36 V. A small amount of internal capacitance is
contained within the package assembly. Additional external input capacitance is required between
2
this pin and PGND.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ23608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com