Electronic Components Datasheet Search
  English  ▼

X  

LPV542 Datasheet(PDF) 3 Page - Texas Instruments

Part # LPV542
Description  LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV542 Datasheet(HTML) 3 Page - Texas Instruments

  LPV542 Datasheet HTML 1Page - Texas Instruments LPV542 Datasheet HTML 2Page - Texas Instruments LPV542 Datasheet HTML 3Page - Texas Instruments LPV542 Datasheet HTML 4Page - Texas Instruments LPV542 Datasheet HTML 5Page - Texas Instruments LPV542 Datasheet HTML 6Page - Texas Instruments LPV542 Datasheet HTML 7Page - Texas Instruments LPV542 Datasheet HTML 8Page - Texas Instruments LPV542 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
A
B
1
2
3
4
8
7
6
5
V+
OUT B
-IN B
+IN B
OUT A
-IN A
+IN A
V-
Exposed
Thermal
Die Pad
on
Underside
(1)
LPV542
www.ti.com
SNOSCX9A – MARCH 2015 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
8-Pad X1SON
DNX Package
8-Pin VSSOP
Top View
DGK Package
Top View
(1)
Connect thermal die pad to V-.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DGK
DNX
OUT A
1
1
O
Channel A Output
-IN A
2
2
I
Channel A Inverting Input
+IN A
3
3
I
Channel A Non-Inverting Input
V-
4
4
P
Negative (lowest) power supply
+IN B
5
5
I
Channel B Non-Inverting Input
-IN B
6
6
I
Channel B Inverting Input
OUT B
7
7
O
Channel B Output
V+
8
8
P
Positive (highest) power supply
Die Pad
--
DAP
P
Die Attach Pad. Connect to V- (DNX package only)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LPV542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com