Electronic Components Datasheet Search
  English  ▼

X  

LPV542 Datasheet(PDF) 4 Page - Texas Instruments

Part # LPV542
Description  LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV542 Datasheet(HTML) 4 Page - Texas Instruments

  LPV542 Datasheet HTML 1Page - Texas Instruments LPV542 Datasheet HTML 2Page - Texas Instruments LPV542 Datasheet HTML 3Page - Texas Instruments LPV542 Datasheet HTML 4Page - Texas Instruments LPV542 Datasheet HTML 5Page - Texas Instruments LPV542 Datasheet HTML 6Page - Texas Instruments LPV542 Datasheet HTML 7Page - Texas Instruments LPV542 Datasheet HTML 8Page - Texas Instruments LPV542 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LPV542
SNOSCX9A – MARCH 2015 – REVISED NOVEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
Supply voltage, V+ to V–
-0.3
6
V
Voltage(2)
(V-) - 0.3
(V+) + 0.3
V
Signal input pins
Current(2)
-10
10
mA
Output short current
Continuous(4)
Junction temperature
-40
150
°C
Storage temperature, Tstg
-65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that can swing more than 0.3 V beyond the supply rails should be
current-limited to 10 mA or less.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
Short-circuit to V-.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
Electrostatic
V(ESD)
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
discharge
±250
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Ratings
MIN
NOM
MAX
UNIT
Supply Voltage ( V+– V− )
1.6
5.5
V
Specified Temperature
-40
125
°C
6.4 Thermal Information
DGK (VSSOP)
DNX (X1SON)
THERMAL METRIC(1)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
182.5
46.3
RθJC(top)
Junction-to-case (top) thermal resistance
73.6
33.3
RθJB
Junction-to-board thermal resistance
104.1
21
°C/W
ψJT
Junction-to-top characterization parameter
13.7
0.2
ψJB
Junction-to-board characterization parameter
102.5
21.2
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LPV542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com