Electronic Components Datasheet Search
  English  ▼

X  

LPV812 Datasheet(PDF) 16 Page - Texas Instruments

Part # LPV812
Description  LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV812 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LPV812 Datasheet HTML 12Page - Texas Instruments LPV812 Datasheet HTML 13Page - Texas Instruments LPV812 Datasheet HTML 14Page - Texas Instruments LPV812 Datasheet HTML 15Page - Texas Instruments LPV812 Datasheet HTML 16Page - Texas Instruments LPV812 Datasheet HTML 17Page - Texas Instruments LPV812 Datasheet HTML 18Page - Texas Instruments LPV812 Datasheet HTML 19Page - Texas Instruments LPV812 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
16
LPV811, LPV812
SNOSD33B – NOVEMBER 2016 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application: Three Terminal CO Gas Sensor Amplifier (continued)
8.2.2 Detailed Design Procedure
For this example, we will be using a CO sensor with a sensitivity of 69nA/ppm. The supply voltage and maximum
ADC input voltage is 2.5V, and the maximum concentration is 300ppm.
First the VREF voltage must be determined. This voltage is a compromise between maximum headroom and
resolution, as well as allowance for "footroom" for the minimum swing on the CE terminal, since the CE terminal
generally goes negative in relation to the RE potential as the concentration (sensor current) increases. Bench
measurements found the difference between CE and RE to be 180mV at 300ppm for this particular sensor.
To allow for negative CE swing "footroom" and voltage drop across the 10k resistor, 300mV was chosen for
VREF.
Therefore +300mV will be used as the minimum VZERO to add some headroom.
VZERO = VREF = +300mV
where
•
VZERO is the zero concentration voltage
•
VREF is the reference voltage (300mV)
(3)
Next we calculate the maximum sensor current at highest expected concentration:
ISENSMAX = IPERPPM * ppmMAX = 69nA * 300ppm = 20.7uA
where
•
ISENSMAX is the maximum expected sensor current
•
IPERPPM is the manufacturer specified sensor current in Amps per ppm
•
ppmMAX is the maximum required ppm reading
(4)
Now find the available output swing range above the reference voltage available for the measurement:
VSWING = VOUTMAX – VZERO = 2.5V – 0.3V = 2.2V
where
•
VSWING is the expected change in output voltage
•
VOUTMAX is the maximum amplifier output swing (usually near V+)
(5)
Now we calculate the transimpedance resistor ®F) value using the maximum swing and the maximum sensor
current:
RF = VSWING / ISENSMAX = 2.2V / 20.7µA = 106.28 kΩ (we will use 110 kΩ for a common value)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com