Electronic Components Datasheet Search
  English  ▼

X  

LPV812 Datasheet(PDF) 14 Page - Texas Instruments

Part # LPV812
Description  LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV812 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LPV812 Datasheet HTML 10Page - Texas Instruments LPV812 Datasheet HTML 11Page - Texas Instruments LPV812 Datasheet HTML 12Page - Texas Instruments LPV812 Datasheet HTML 13Page - Texas Instruments LPV812 Datasheet HTML 14Page - Texas Instruments LPV812 Datasheet HTML 15Page - Texas Instruments LPV812 Datasheet HTML 16Page - Texas Instruments LPV812 Datasheet HTML 17Page - Texas Instruments LPV812 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
+
-
VIN
RISO
VOUT
CL
14
LPV811, LPV812
SNOSD33B – NOVEMBER 2016 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.4 Driving Capacitive Load
The LPV81x is internally compensated for stable unity gain operation, with a 8 kHz typical gain bandwidth.
However, the unity gain follower is the most sensitive configuration to capacitive load. The combination of a
capacitive load placed directly on the output of an amplifier along with the amplifier’s output impedance creates a
phase lag, which reduces the phase margin of the amplifier. If the phase margin is significantly reduced, the
response will be under damped which causes peaking in the transfer and, when there is too much peaking, the
op amp might start oscillating.
In order to drive heavy (>50pF) capacitive loads, an isolation resistor, RISO, should be used, as shown in
Figure 45. By using this isolation resistor, the capacitive load is isolated from the amplifier’s output. The larger
the value of RISO, the more stable the amplifier will be. If the value of RISO is sufficiently large, the feedback loop
will be stable, independent of the value of CL. However, larger values of RISO result in reduced output swing and
reduced output current drive. The recommended value for RISO is 30-50kΩ.
Figure 45. Resistive Isolation Of Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com