Electronic Components Datasheet Search
  English  ▼

X  

MAX3243CPWR Datasheet(PDF) 14 Page - Texas Instruments

Part # MAX3243CPWR
Description  MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3243CPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button MAX3243CPWR Datasheet HTML 10Page - Texas Instruments MAX3243CPWR Datasheet HTML 11Page - Texas Instruments MAX3243CPWR Datasheet HTML 12Page - Texas Instruments MAX3243CPWR Datasheet HTML 13Page - Texas Instruments MAX3243CPWR Datasheet HTML 14Page - Texas Instruments MAX3243CPWR Datasheet HTML 15Page - Texas Instruments MAX3243CPWR Datasheet HTML 16Page - Texas Instruments MAX3243CPWR Datasheet HTML 17Page - Texas Instruments MAX3243CPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
RIN4
DOUT2
DOUT3
ROUT1
FORCEOFF
RIN5
INVALID
ROUT2
DOUT1
ROUT2B
DIN3
DIN2
ROUT3
ROUT4
DIN1
ROUT5
C4
+
−
+
−
C3(1)
VCC
C2+
C2−
C1
C1+
GND
V−
C1−
FORCEON
C2
+
−
CBYPASS
= 0.1 mF
V+
+
−
+
−
RIN1
RIN2
RIN3
RS-232 Inputs
Logic Outputs
Logic Inputs
RS-232 Outputs
VCC
C1
C2, C3, and C4
3.3 V ± 0.3 V
5 V ± 0.5 V
3 V to 5.5 V
0.1 mF
0.047 mF
0.1 mF
0.1 mF
0.33 mF
0.47 mF
(1) C3 can be connected to VCC or GND.
NOTES: A. Resistor values shown are nominal.
B. Nonpolarized ceramic capacitors are acceptable. If polarized tantalum
or electrolytic capacitors are used, they should be connected as
shown.
VCC vs CAPACITOR VALUES
1
2
4
5
6
7
8
9
10
11
12
13
14
3
28
27
26
25
24
23
22
21
20
19
18
17
16
15
5 kW
5 kW
5 kW
5 kW
5 kW
Figure 8-1. Typical Operating Circuit and Capacitor Values
MAX3243
SLLS350Q – APRIL 1999 – REVISED AUGUST 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: MAX3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com