Electronic Components Datasheet Search
  English  ▼

X  

MAX3243CPWR Datasheet(PDF) 15 Page - Texas Instruments

Part # MAX3243CPWR
Description  MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3243CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button MAX3243CPWR Datasheet HTML 11Page - Texas Instruments MAX3243CPWR Datasheet HTML 12Page - Texas Instruments MAX3243CPWR Datasheet HTML 13Page - Texas Instruments MAX3243CPWR Datasheet HTML 14Page - Texas Instruments MAX3243CPWR Datasheet HTML 15Page - Texas Instruments MAX3243CPWR Datasheet HTML 16Page - Texas Instruments MAX3243CPWR Datasheet HTML 17Page - Texas Instruments MAX3243CPWR Datasheet HTML 18Page - Texas Instruments MAX3243CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
8.2.1 Design Requirements
• VCC minimum is 3 V and maximum is 5.5V.
• Maximum recommended bit rate is 250 kbit/s.
8.2.2 Detailed Design Procedure
• All DIN, FORCEOFF and FORCEON inputs must be connected to valid low or high logic levels.
• Select capacitor values based on VCC level for best performance.
8.2.3 Application Curves
VCC= 3.3 V
±9
±8
±7
±6
±5
±4
±3
±2
±1
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
Time ( s)
DIN
DOUT to RIN
ROUT
C001
Figure 8-2. Driver to Receiver Loopback Timing Waveform
8.3 Power Supply Recommendations
VCC should be between 3V and 5.5V. Charge pump capacitors should be chosen using table in Figure 8-1.
8.4 Layout
8.4.1 Layout Guidelines
Keep the external capacitor traces short. This is more important on C1 and C2 nodes that have the fastest rise
and fall times.
In the Layout Example diagram, only critical layout sections are shown. Input and output traces will vary in shape
and size depending on the customer application. FORCEON and FORCEOFF should be pulled up to VCC or
GND via a pullup resistor, depending on which configuration the user desires upon power-up.
www.ti.com
MAX3243
SLLS350Q – APRIL 1999 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: MAX3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com