Electronic Components Datasheet Search
  English  ▼

X  

MPY634AM Datasheet(PDF) 3 Page - Texas Instruments

Part # MPY634AM
Description  Wide Bandwidth PRECISION ANALOG MULTIPLIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MPY634AM Datasheet(HTML) 3 Page - Texas Instruments

  MPY634AM Datasheet HTML 1Page - Texas Instruments MPY634AM Datasheet HTML 2Page - Texas Instruments MPY634AM Datasheet HTML 3Page - Texas Instruments MPY634AM Datasheet HTML 4Page - Texas Instruments MPY634AM Datasheet HTML 5Page - Texas Instruments MPY634AM Datasheet HTML 6Page - Texas Instruments MPY634AM Datasheet HTML 7Page - Texas Instruments MPY634AM Datasheet HTML 8Page - Texas Instruments MPY634AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MPY634
3
SBFS017A
www.ti.com
10
1
5
3
4
X
1
–V
S
Y
2
Y
1
SF
X
2
2
SOIC: MPY634KU
DIP: MPY634KP
TO-100: MPY634AM/BM/SM
9
8
7
6
Z
2
Z
1
Out
+V
S
1
2
3
4
5
6
7
14
13
12
11
10
9
8
X
1 Input
X
2 Input
NC
Scale Factor
NC
Y
1 Input
Y
2 Input
+V
S
NC
Output
Z
1 Input
Z
2 Input
NC
–V
S
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
X
1 Input
X
2 Input
NC
Scale Factor
NC
Y
1 Input
Y
2 Input
NC
+V
S
NC
Output
Z
1 Input
Z
2 Input
NC
–V
S
NC
SPECIFICATIONS (CONT)
ELECTRICAL
At T
A = +25°C and VS = ±15VDC, unless otherwise noted.
MPY634KP/KU
MPY634AM
MPY634BM
MPY634SM
√10V (Z
2 – Z1) +X2
* Specification same as for MPY634AM.
Gray indicates obsolete parts.
NOTES: (1) Figures given are percent of full scale,
±10V (i.e., 0.01% = 1mV). (2) May be reduced to 3V using external resistor between –V
S and SF. (3) Irreducible
component due to nonlinearity; excludes effect of offsets.
PIN CONFIGURATIONS
Basic Model Number
Performance Grade(1)
K: U: –40
°C to +85°C
Package Code
P: Plastic 14-pin DIP
U: 16-pin SOIC
NOTE: (1) Performance grade identifier may not be marked on the SOIC
package; a blank denotes “K” grade.
ORDERING INFORMATION
MPY634
( )
( )
Top View
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER
MPY634KP
14-Pin PDIP
010
MPY634KU
16-Pin SOIC
211
NOTE: (1) For the most current package and ordering information, see the
Package Option Addendum located at the end of this data sheet.
PACKAGE INFORMATION(1)
√10V (Z
2 – Z1) +X2
OBSOLETE
OBSOLETE
OBSOLETE OBSOLETE
OBSOLETE
OBSOLETE
MODEL
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SQUARE-ROOTER
PERFORMANCE
Transfer Function (Z1 ≤ Z2)
**
Total Error(1) (1V
≤ Z ≤ 10V)
±2.0
±1.0
±0.5
*
%
POWER SUPPLY
Supply Voltage:
Rated Performance
±15
±15
*
*
VDC
Operating
±8
±18
±8
±18
*
*
*
±20
VDC
Supply Current, Quiescent
4
6
4
6
*
*
*
*
mA
TEMPERATURE RANGE
Specification
–40
+85
–25
+85
*
*
–55
+125
°C
Storage
–40
+85
–65
+150
*
*
*
*
°C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
MPY634AM/BM MPY634KP/KU
MPY634SM
Power Supply Voltage
±18
*
±20
Power Dissipation
500mW
*
*
Output Short-Circuit
to Ground
Indefinite
*
*
Input Voltage ( all X,
Y and Z)
±V
S
**
Temperature Range:
Operating
–25
°C/+85°C
–40
°C/+85°C
–55
°C/+125°C
Storage
–65
°C/+150°C
–40
°C/+85°C*
Lead Temperature
(soldering, 10s)
+300
°C*
*
SOIC ‘KU’ Package
+260
°C
* Specification same as for MPY634AM/BM.
NOTE: Gray indicates obsolete parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com