Electronic Components Datasheet Search
  English  ▼

X  

MPY634AM Datasheet(PDF) 1 Page - Texas Instruments

Part # MPY634AM
Description  Wide Bandwidth PRECISION ANALOG MULTIPLIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MPY634AM Datasheet(HTML) 1 Page - Texas Instruments

  MPY634AM Datasheet HTML 1Page - Texas Instruments MPY634AM Datasheet HTML 2Page - Texas Instruments MPY634AM Datasheet HTML 3Page - Texas Instruments MPY634AM Datasheet HTML 4Page - Texas Instruments MPY634AM Datasheet HTML 5Page - Texas Instruments MPY634AM Datasheet HTML 6Page - Texas Instruments MPY634AM Datasheet HTML 7Page - Texas Instruments MPY634AM Datasheet HTML 8Page - Texas Instruments MPY634AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MPY634
SBFS017A – DECEMBER 1995 – REVISED DECEMBER 2004
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1995-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
FEATURES
q WIDE BANDWIDTH: 10MHz typ
q
±0.5% MAX FOUR-QUADRANT
ACCURACY
q INTERNAL WIDE-BANDWIDTH OP AMP
q EASY TO USE
q LOW COST
APPLICATIONS
q PRECISION ANALOG SIGNAL
PROCESSING
q MODULATION AND DEMODULATION
q VOLTAGE-CONTROLLED AMPLIFIERS
q VIDEO SIGNAL PROCESSING
q VOLTAGE-CONTROLLED FILTERS AND
OSCILLATORS
DESCRIPTION
The MPY634 is a wide bandwidth, high accuracy, four-
quadrant analog multiplier. Its accurately laser-trimmed
multiplier characteristics make it easy to use in a wide
variety of applications with a minimum of external parts,
often eliminating all external trimming. Its differential X, Y,
and Z inputs allow configuration as a multiplier, squarer,
divider, square-rooter, and other functions while maintain-
ing high accuracy.
The wide bandwidth of this new design allows signal
processing at IF, RF, and video frequencies. The internal
output
amplifier
of
the
MPY634
reduces
design complexity compared to other high frequency mul-
tipliers and balanced modulator circuits. It is
capable of performing frequency mixing, balanced modula-
tion, and demodulation with excellent carrier rejection.
An accurate internal voltage reference provides
precise setting of the scale factor. The differential Z input
allows user-selected scale factors from 0.1 to 10 using
external feedback resistors.
V-I
X
1
X
2
Y
1
Y
2
Z
1
Z
2
V-I
V-I
SF
Multiplier
Core
Voltage
Reference
and Bias
0.75 Atten
A
V
OUT
–V
S
+V
S
(X
1 – X2)(Y1 – Y2)
SF
V
OUT = A
– (Z
1 – Z2)
Transfer Function
Precision
Output
Op Amp
Wide Bandwidth
PRECISION ANALOG MULTIPLIER


Similar Part No. - MPY634AM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPY634AM BURR-BROWN-MPY634AM Datasheet
122Kb / 8P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Texas Instruments
MPY634AM TI1-MPY634AM Datasheet
889Kb / 17P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
More results

Similar Description - MPY634AM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPY534 BURR-BROWN-MPY534 Datasheet
116Kb / 8P
Precision ANALOG MULTIPLIER
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
MPY600 BURR-BROWN-MPY600 Datasheet
158Kb / 12P
Wide Bandwidth SIGNAL MULTIPLIER
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
Precision Wide-Bandwidth Analog Switch
PI5A317A PERICOM-PI5A317A Datasheet
237Kb / 7P
Precision Wide Bandwidth Analog Switches
PI5A381A PERICOM-PI5A381A Datasheet
162Kb / 8P
Precision Wide Bandwidth Analog Switches
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
Precision Wide Bandwidth Quad Analog Switches
logo
Texas Instruments
MPY534KD TI-MPY534KD Datasheet
82Kb / 9P
Precision ANALOG MULTIPLIER
MPY634 TI1-MPY634_16 Datasheet
889Kb / 17P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com