Electronic Components Datasheet Search
  English  ▼

X  

0210421 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0210421
Description  SWS - Mounting bracket
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0210421 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0210421 Datasheet HTML 1Page - PHOENIX CONTACT 0210421 Datasheet HTML 2Page - PHOENIX CONTACT 0210421 Datasheet HTML 3Page - PHOENIX CONTACT 0210421 Datasheet HTML 4Page - PHOENIX CONTACT 0210421 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Support bracket, as end support for the 70 - 240 mm2 terminal blocks, with two M6 screws and
nuts, is screwed to the DIN rail at 2 positions.
Commercial data
Item number
0210421
Packing unit
10 pc
Minimum order quantity
10 pc
Note
Made to order (non-returnable)
Sales key
BE07
Product key
BE7112
GTIN
4017918000011
Weight per piece (including packing)
94.9 g
Weight per piece (excluding packing)
89.35 g
Customs tariff number
73269098
Country of origin
DE
SWS - Mounting bracket
0210421
https://www.phoenixcontact.com/us/products/0210421
Sep 10, 2025, 1:13AM
Page 1 (5)


Similar Part No. - 0210421

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0210460000 WEIDMULLER-0210460000 Datasheet
61Kb / 3P
Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35
More results

Similar Description - 0210421

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
BAS-5104 BUD-BAS-5104 Datasheet
20Kb / 1P
SLIDE MOUNTING BRACKET
MB-448 BUD-MB-448 Datasheet
58Kb / 1P
CHASSIS MOUNTING BRACKET
MB-1266 BUD-MB-1266 Datasheet
34Kb / 1P
TRIANGULAR MOUNTING BRACKET
logo
List of Unclassifed Man...
D-MFK2 ETC2-D-MFK2 Datasheet
468Kb / 4P
Mounting Bracket Kits
logo
PULS GmbH
ZM3.WALL PULS-ZM3.WALL Datasheet
101Kb / 1P
WALL MOUNTING BRACKET
ZM11.SIDE PULS-ZM11.SIDE Datasheet
214Kb / 2P
Side Mounting Bracket
logo
Ningbo Tianbo Ganglian ...
TRV4 TIANBO-TRV4 Datasheet
1Mb / 3P
optional mounting bracket
logo
WAGO Kontakttechnik Gmb...
858-110 WAGO-858-110 Datasheet
90Kb / 3P
Mounting bracket
logo
Festo Corporation.
2721419 FESTO-2721419 Datasheet
66Kb / 1P
Mounting bracket
7/21/22
550217 FESTO-550217 Datasheet
68Kb / 1P
Mounting bracket
7/21/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com