Electronic Components Datasheet Search
  English  ▼

X  

0210421 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0210421
Description  SWS - Mounting bracket
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0210421 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0210421 Datasheet HTML 1Page - PHOENIX CONTACT 0210421 Datasheet HTML 2Page - PHOENIX CONTACT 0210421 Datasheet HTML 3Page - PHOENIX CONTACT 0210421 Datasheet HTML 4Page - PHOENIX CONTACT 0210421 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Mounting material
Dimensions
Dimensional drawing
Width
50 mm
Height
43.5 mm
Length
72 mm
Material specifications
Color
chrome
Material
Steel
Flammability rating according to UL 94
-
Mounting
Mounting type
NS 32
SWS - Mounting bracket
0210421
https://www.phoenixcontact.com/us/products/0210421
Sep 10, 2025, 1:13AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com