Electronic Components Datasheet Search
  English  ▼

X  

OPA337EA/250 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA337EA/250
Description  MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA337EA/250 Datasheet(HTML) 3 Page - Texas Instruments

  OPA337EA/250 Datasheet HTML 1Page - Texas Instruments OPA337EA/250 Datasheet HTML 2Page - Texas Instruments OPA337EA/250 Datasheet HTML 3Page - Texas Instruments OPA337EA/250 Datasheet HTML 4Page - Texas Instruments OPA337EA/250 Datasheet HTML 5Page - Texas Instruments OPA337EA/250 Datasheet HTML 6Page - Texas Instruments OPA337EA/250 Datasheet HTML 7Page - Texas Instruments OPA337EA/250 Datasheet HTML 8Page - Texas Instruments OPA337EA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
OPA337, OPA2337
OPA338, OPA2338
SBOS077B − JUNE 1997 − REVISED MARCH 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = 2.7V to 5.5V
Boldface limits apply over the specified temperature range, −40
5C to +855C, VS = 5V.
At TA = +25°C and RL = 25kΩ connected to VS/2, unless otherwise noted.
OPA337, OPA2337,
OPA338, OPA2338
PARAMETER
CONDITION
MIN
TYP(1)
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
±0.5
±3
mV
TA = −40°C to +85°C
±3.5
mV
vs Temperature
dVOS/dT
±2
µV/°C
vs Power-Supply Rejection Ratio
PSRR
VS = 2.7V to 5.5V
25
125
µV/V
TA = −40°C to +85°C
VS = 2.7V to 5.5V
125
µV/V
Channel Separation (dual versions)
dc
0.3
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±0.2
±10
pA
TA = −40°C to +85°C
See Typical Curve
Input Offset Current
IOS
±0.2
±10
pA
NOISE
Input Voltage Noise, f = 0.1Hz to 10Hz
6
µVPP
Input Voltage Noise Density, f = 1kHz
en
26
nV/
√Hz
Current Noise Density, f = 1kHz
in
0.6
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
TA = −40°C to +85°C
−0.2
(V+) − 1.2
V
Common-Mode Rejection Ratio
CMRR
−0.2V < VCM < (V+) − 1.2V
74
90
dB
TA = −40°C to +85°C
−0.2V < VCM < (V+) − 1.2V
74
dB
INPUT IMPEDANCE
Differential
1013
 2
Ω  pF
Common-Mode
1013
 4
Ω  pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL RL = 25kΩ, 125mV < VO < (V+) − 125mV
100
120
dB
TA = −40°C to +85°C
RL = 25kΩ, 125mV < VO < (V+) − 125mV
100
dB
RL = 5kΩ, 500mV < VO < (V+) − 500mV
100
114
dB
TA = −40°C to +85°C
RL = 5kΩ, 500mV < VO < (V+) − 500mV
100
dB
OPA337 FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
VS = 5V, G = 1
3
MHz
Slew Rate
SR
VS = 5V, G = 1
1.2
V/
µs
Settling TIme: 0.1%
VS = 5V, 2V Step, CL = 100pF, G = 1
2
µs
0.01%
VS = 5V, 2V Step, CL = 100pF, G = 1
2.5
µs
Overload Recovery Time
VIN × G = VS
2
µs
Total Harmonic Distortion + Noise
THD+N
VS = 5V, VO = 3VPP, G = 1, f = 1kHz
0.001
%
OPA338 FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
VS = 5V, G = 5
12.5
MHz
Slew Rate
SR
VS = 5V, G = 5
4.6
V/
µs
Settling TIme: 0.1%
VS = 5V, 2V Step, CL = 100pF, G = 5
1.4
µs
0.01%
VS = 5V, 2V Step, CL = 100pF, G = 5
1.9
µs
Overload Recovery Time
VIN × G = VS
0.5
µs
Total Harmonic Distortion + Noise
THD+N
VS = 5V, VO = 3VPP, G = 5, f = 1kHz
0.0035
%
(1) VS = 5V.
(2) Output voltage swings are measured between the output and negative and positive power-supply rails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com