Electronic Components Datasheet Search
  English  ▼

X  

OPA337EA/250 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA337EA/250
Description  MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA337EA/250 Datasheet(HTML) 1 Page - Texas Instruments

  OPA337EA/250 Datasheet HTML 1Page - Texas Instruments OPA337EA/250 Datasheet HTML 2Page - Texas Instruments OPA337EA/250 Datasheet HTML 3Page - Texas Instruments OPA337EA/250 Datasheet HTML 4Page - Texas Instruments OPA337EA/250 Datasheet HTML 5Page - Texas Instruments OPA337EA/250 Datasheet HTML 6Page - Texas Instruments OPA337EA/250 Datasheet HTML 7Page - Texas Instruments OPA337EA/250 Datasheet HTML 8Page - Texas Instruments OPA337EA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
FEATURES
D MicroSIZE PACKAGES:
SOT23-5, SOT23-8
D SINGLE-SUPPLY OPERATION
D RAIL-TO-RAIL OUTPUT SWING
D FET-INPUT: IB = 10pA max
D HIGH SPEED:
OPA337: 3MHz, 1.2V/
µs (G = 1)
OPA338: 12.5MHz, 4.6V/
µs (G = 5)
D OPERATION FROM 2.5V to 5.5V
D HIGH OPEN-LOOP GAIN: 120dB
D LOW QUIESCENT CURRENT: 525µA/amp
D SINGLE AND DUAL VERSIONS
APPLICATIONS
D BATTERY-POWERED INSTRUMENTS
D PHOTODIODE PRE-AMPS
D MEDICAL INSTRUMENTS
D TEST EQUIPMENT
D AUDIO SYSTEMS
D DRIVING ADCs
D CONSUMER PRODUCTS
SPICE model available at www.ti.com.
DESCRIPTION
The OPA337 and OPA338 series rail-to-rail output CMOS
operational amplifiers are designed for low cost and
miniature applications. Packaged in the SOT23-8, the
OPA2337EA and OPA2338EA are Texas Instruments’
smallest dual op amps. At 1/4 the size of a conventional
SO-8 surface-mount, they are ideal for space-sensitive
applications.
Utilizing advanced CMOS technology, the OPA337 and
OPA338 op amps provide low bias current, high-speed
operation, high open-loop gain, and rail-to-rail output
swing. They operate on a single supply with operation as
low as 2.5V while drawing only 525
µA quiescent current.
In addition, the input common-mode voltage range
includes ground—ideal for single-supply operation.
The OPA337 series is unity-gain stable. The OPA338 series
is optimized for gains greater than or equal to 5. They are
easy-to-use and free from phase inversion and overload
problems found in some other op amps. Excellent
performance is maintained as the amplifiers swing to their
specified limits. The dual versions feature completely
independent circuitry for lowest crosstalk and freedom from
interaction, even when overdriven or overloaded.
G = 1 STABLE
G
≥ 5 STABLE
PACKAGE
SINGLE
OPA337
DUAL
OPA2337
SINGLE
OPA338
DUAL
OPA2338
SOT23-5
n
n
SOT23-8
n
n
MSOP-8
n
SO-8
n
n
n
n
DIP-8
n
n
1
2
3
4
8
7
6
5
NC
V+
Output
NC
NC
−In
+In
V
−
OPA337, OPA338
DIP−8(1), SO−8, MSOP−8(1)
NC = No Connection
1
2
3
4
8
7
6
5
V+
Out B
−In B
+In B
Out A
−In A
+In A
V
−
OPA2337, OPA2338
DIP−8(1),SO−8, SOT23−8
A
B
1
2
3
5
4
V+
−In
Out
V
−
+In
OPA337, OPA338
SOT23−5
NOTE: (1) DIP AND MSOP−8 versions for OPA337, OPA2337 only.
OPA337, OPA2337
OPA338, OPA2338
SBOS077B − JUNE 1997 − REVISED MARCH 2005
MicroSIZE, Single-Supply
CMOS OPERATIONAL AMPLIFIERS
MicroAmplifier
E Series
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 1997-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - OPA337EA/250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA337EA/250 TI1-OPA337EA/250 Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA337EA/250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com