Electronic Components Datasheet Search
  English  ▼

X  

OPA337UA/2K5 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA337UA/2K5
Description  MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA337UA/2K5 Datasheet(HTML) 4 Page - Texas Instruments

  OPA337UA/2K5 Datasheet HTML 1Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 2Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 3Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 4Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 5Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 6Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 7Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 8Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
OPA337, OPA2337
OPA338, OPA2338
SBOS077B − JUNE 1997 − REVISED MARCH 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = 2.7V to 5.5V (continued)
Boldface limits apply over the specified temperature range, −40
5C to +855C, VS = 5V.
At TA = +25°C and RL = 25kΩ connected to VS/2, unless otherwise noted.
OPA337, OPA2337,
OPA338, OPA2338
PARAMETER
UNIT
MAX
TYP(1)
MIN
CONDITION
OUTPUT
Voltage Output Swing from Rail(2)
RL = 25kΩ, AOL ≥ 100dB
40
125
mV
TA = −40°C to +85°C
RL = 25kΩ, AOL ≥ 100dB
125
mV
RL = 5kΩ, AOL ≥ 100dB
150
500
mV
TA = −40°C to +85°C
RL = 5kΩ, AOL ≥ 100dB
500
mV
Short-Circuit Current
±9
mA
Capacitive Load Drive
See Typical Curve
POWER SUPPLY
Specified Voltage Range
VS
TA = −40°C to +85°C
2.7
5.5
V
Minimum Operating Voltage
2.5
V
Quiescent Current (per amplifier)
IQ
IO = 0
0.525
1
mA
TA = −40°C to +85°C
IO = 0
1.2
mA
TEMPERATURE RANGE
Specified Range
−40
+85
°C
Operating Range
−55
+125
°C
Storage Range
−55
+125
°C
Thermal Resistance
qJA
SOT23-5 Surface-Mount
200
°C/W
SOT23-8 Surface-Mount
200
°C/W
MSOP-8
150
°C/W
SO-8 Surface-Mount
150
°C/W
DIP-8
100
°C/W
(1) VS = 5V.
(2) Output voltage swings are measured between the output and negative and positive power-supply rails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com