Electronic Components Datasheet Search
  English  ▼

X  

OPA337UA/2K5 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA337UA/2K5
Description  MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA337UA/2K5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA337UA/2K5 Datasheet HTML 6Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 7Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 8Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 9Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 10Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 11Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 12Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 13Page - Texas Instruments OPA337UA/2K5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
OPA337, OPA2337
OPA338, OPA2338
SBOS077B − JUNE 1997 − REVISED MARCH 2005
www.ti.com
10
1/2
OPA2337E
1/2
OPA2337E
ADS7822
12−Bit A/D
C
3
V
+
GND
3
18
4
5
6
7
−IN
+IN
2
C
2
33pF
DCLOCK
Serial
Interface
1000pF
R
1
1.5k
Ω
R
4
20k
Ω
R
5
20k
Ω
R
6
100k
Ω
R8
150k
Ω
R
9
510k
Ω
R7
51k
Ω
DOUT
V
REF
V+ = +2.7V to 5V
CS/SHDN
C
1
1000pF
Electret
Microphone(1)
G= 100
Passband 300Hz to 3kHz
R
3
1M
Ω
R2
1M
Ω
NOTE: (1) Electret microphone
with internal transistor (FET)
powered by R
1.
Figure 6. Low-Power, Single-Supply, Speech Bandpass Filtered Data Acquisition System
0.018
(0.457)
0.026
(0.66)
SOT23−8
(Package Designator: DCN)
For further information on solder
pads for surface−mount packages, consult Application Bulletin SBFA015A.
SOT23−5
(Package Designator: D)
0.0375
(0.9525)
0.0375
(0.9525)
0.075
(1.905)
0.027
(0.686)
Figure 7. Recommended SOT23-5 and SOT23-8 Solder Footprints



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com