Electronic Components Datasheet Search
  English  ▼

X  

0804271 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804271
Description  E/NS 35 N BK - End bracket
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804271 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804271 Datasheet HTML 1Page - PHOENIX CONTACT 0804271 Datasheet HTML 2Page - PHOENIX CONTACT 0804271 Datasheet HTML 3Page - PHOENIX CONTACT 0804271 Datasheet HTML 4Page - PHOENIX CONTACT 0804271 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
End bracket, material: PA, mounting type: NS 35/7,5, NS 35/15, color: black
Your advantages
Large-surface marking
•
Commercial data
Item number
0804271
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
BE07
Product key
BE7111
GTIN
4055626268521
Weight per piece (including packing)
13.95 g
Weight per piece (excluding packing)
13 g
Customs tariff number
76169990
Country of origin
DE
E/NS 35 N BK - End bracket
0804271
https://www.phoenixcontact.com/us/products/0804271
Sep 10, 2025, 8:11AM
Page 1 (5)


Similar Part No. - 0804271

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804278 PHOENIX-0804278 Datasheet
178Kb / 4P
NS 35/ 7,5 ZN PERF (18X5,2) 2M - DIN rail perforated
More results

Similar Description - 0804271

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0204107 PHOENIX-0204107 Datasheet
45Kb / 2P
Step bracket - STL 35/ 5 - 0204107
logo
Weidmuller
0271800000 WEIDMULLER-0271800000 Datasheet
51Kb / 1P
Modular terminal, accessories, End plate with end bracket
0271900000 WEIDMULLER-0271900000 Datasheet
50Kb / 1P
Modular terminal, accessories, End plate with end bracket
logo
PHOENIX CONTACT
3274057 PHOENIX-3274057 Datasheet
50Kb / 2P
DIN rail adapter, with end stop function, width: 10.3 mm, height: 12 mm, color: gray, mounting type: NS 35/7,5, NS 35/15
2854186 PHOENIX-2854186 Datasheet
124Kb / 9P
Can be snapped onto standard NS 35/7,5 and NS 35/15 DIN rails
logo
Weidmuller
1059000000 WEIDMULLER-1059000000 Datasheet
339Kb / 4P
W-Series, End bracket
October 6, 2021
7920340000 WEIDMULLER-7920340000 Datasheet
251Kb / 5P
Accessories, End bracket
November 9, 2021
logo
PHOENIX CONTACT
1201675 PHOENIX-1201675 Datasheet
43Kb / 2P
End clamp - E/UKT-NS 32/35
11/22/13
1202577 PHOENIX-1202577 Datasheet
68Kb / 4P
End clamp - E/UK-NS 35
07.08.2012
2706700 PHOENIX-2706700 Datasheet
53Kb / 3P
Cover - ME B-SA/NS 35 KMGY
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com