Electronic Components Datasheet Search
  English  ▼

X  

0804271 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0804271
Description  E/NS 35 N BK - End bracket
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804271 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0804271 Datasheet HTML 1Page - PHOENIX CONTACT 0804271 Datasheet HTML 2Page - PHOENIX CONTACT 0804271 Datasheet HTML 3Page - PHOENIX CONTACT 0804271 Datasheet HTML 4Page - PHOENIX CONTACT 0804271 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
End bracket
Dimensions
Dimensional drawing
Width
9.5 mm
Height
48.6 mm
Depth
32.8 mm
Depth on NS 35/7,5
34.3 mm
Length
48.6 mm
Material specifications
Color
black (RAL 9005)
Material
PA
Flammability rating according to UL 94
V0
Relative insulation material temperature index (Elec., UL 746 B)
125 °C
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-60 °C ... 105 °C (max. short-term operating temperature RTI
Elec.)
Ambient temperature (storage/transport)
-25 °C ... 60 °C (for a short time, not exceeding 24 h, -60 °C to
+70 °C)
Ambient temperature (assembly)
-5 °C ... 70 °C
Ambient temperature (actuation)
-5 °C ... 70 °C
Permissible humidity (storage/transport)
30 % ... 70 %
Mounting
NS 35/7,5
Mounting type
NS 35/15
E/NS 35 N BK - End bracket
0804271
https://www.phoenixcontact.com/us/products/0804271
Sep 10, 2025, 8:11AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com