Electronic Components Datasheet Search
  English  ▼

X  

1024014 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1024014
Description  EA 5 - Cover
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1024014 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1024014 Datasheet HTML 1Page - PHOENIX CONTACT 1024014 Datasheet HTML 2Page - PHOENIX CONTACT 1024014 Datasheet HTML 3Page - PHOENIX CONTACT 1024014 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cover, material: ABS, color: transparent
Your advantages
Can be labeled with EML (24X3)R
•
Protection against environmental influences
•
Protection against accidental actuation of terminal points or disconnect terminal blocks
•
Covering of live parts
•
Commercial data
Item number
1024014
Packing unit
100 pc
Minimum order quantity
100 pc
Sales key
BE07
Product key
BE7124
GTIN
4017918015268
Weight per piece (including packing)
0.88 g
Weight per piece (excluding packing)
0.873 g
Customs tariff number
39269097
Country of origin
DE
EA 5 - Cover
1024014
https://www.phoenixcontact.com/us/products/1024014
Sep 10, 2025, 7:56AM
Page 1 (4)


Similar Part No. - 1024014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10240 ETC2-10240 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
logo
Heyco.
10240 HEYCO-10240 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
3M Electronics
10240-0210EC 3M-10240-0210EC Datasheet
32Kb / 2P
050, Mini D Ribbon (MDR) Connectors
19-Feb-1999
10240-0210EC 3M-10240-0210EC Datasheet
449Kb / 3P
3M Mini D Ribbon (MDR) Connectors
08-Feb-2005
10240-1210PE 3M-10240-1210PE Datasheet
508Kb / 4P
3M Mini D Ribbon (MDR) Connectors
05-Apr-2005
More results

Similar Description - 1024014

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
041911 MACOM-041911 Datasheet
262Kb / 3P
Rast 5 Power Relay 419 11 (EA/..)
logo
Molex Electronics Ltd.
130172-0184 MOLEX11-130172-0184 Datasheet
23Kb / 1P
Aero-Motive Heavy Industrial Duty EA Balancer with Heavy Cast Aluminum Housing and Cover
1301720184 MOLEX11-1301720184 Datasheet
43Kb / 1P
Aero-Motive Heavy Industrial Duty EA Balancer with Heavy Cast Aluminum Housing and Cover
1301720195 MOLEX11-1301720195 Datasheet
43Kb / 1P
Aero-Motive Heavy Industrial Duty EA Balancer with Heavy Cast Aluminum Housing and Cover,
1301720207 MOLEX11-1301720207 Datasheet
43Kb / 1P
Aero-Motive Heavy Industrial Duty EA Balancer with Heavy Cast Aluminum Housing and Cover
logo
3M Electronics
7918 3M-7918 Datasheet
51Kb / 1P
3M??Exhalation Valve Cover 7918, 20 EA/Case
logo
PHOENIX CONTACT
1301407 PHOENIX-1301407 Datasheet
50Kb / 2P
Cover profile - EA-G 5/ 2 SONDERBEDRUCKUNG
09/11/2020
1301423 PHOENIX-1301423 Datasheet
45Kb / 1P
Cover - EA-G 5/ 3 SONDERBEDRUCKUNG
12/03/2018
1923089 PHOENIX-1923089 Datasheet
55Kb / 3P
Cover segment - UK 5-TWIN DECKELSEGMENT
09/12/2020
3058020 PHOENIX-3058020 Datasheet
54Kb / 3P
End cover - D-RSC 5
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com