Electronic Components Datasheet Search
  English  ▼

X  

1024014 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1024014
Description  EA 5 - Cover
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1024014 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1024014 Datasheet HTML 1Page - PHOENIX CONTACT 1024014 Datasheet HTML 2Page - PHOENIX CONTACT 1024014 Datasheet HTML 3Page - PHOENIX CONTACT 1024014 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Cover profile
Connection data
Cable lug connection
Cross section range AWG
(converted acc. to IEC)
Dimensions
Width
5 mm
Height
50 mm
Depth
17.5 mm
Length
50 mm
Material specifications
Color
transparent
Material
ABS
Flammability rating according to UL 94
HB
Components
free from silicone and halogen
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-40 °C ... 80 °C
EA 5 - Cover
1024014
https://www.phoenixcontact.com/us/products/1024014
Sep 10, 2025, 7:56AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com