Electronic Components Datasheet Search
  English  ▼

X  

FS-05 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # FS-05
Description  FS Series Flow Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FS-05 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  FS-05 Datasheet HTML 1Page - TE Connectivity Ltd FS-05 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FS-05
FS Series | Flow Sensor
POSITION SENSOR /// FS-05
06/2017
Page 2
Material
Technical Drawing
Housing Material
Brass
Shuttle Material
Noryl
Contact Material
Triac
Operating Temperature °C
-30 to 100
Medium
Water
Housing Colour
Brass
Mechanical Specifications
Shock
50g for 11mS duration
Vibration
35g up to 500Hz
Maximum Pressure
10 Bar @ 20
IP
IP65
Switch On Flow Rate L/min
1.0
Switching
Switch Action (Reed Switch)
SPST
Max Switching Voltage VDC
N/A
Max Switching Voltage VAC
250
Max Switching Current Amps
3
Operate Mode
N/O, close with Flow
Contact Form
A
Cable
Cable Length
1 x 1.0M double insulated
Connection Type
Stripped Cables
Cable Type
0.5MM2 BS6500 PVC
Cable Colour
White outer Blue/Brown inner
Mounting
Fitting
22mm Compression
Fitment
In Line
Mounting
Vertical, flow upwards
TE.com/sensorsolutions
Measurement Specialties, Inc., a TE Connectivity company.
Measurement Specialties, TE Connectivity, TE Connectivity (logo) and EVERY CONNECTION COUNTS are trademarks. All other logos, products and/or company names referred to herein
might be trademarks of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE Connectivity makes no
warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE Connectivity‘s Standard Terms
and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale, use or misuse of the
product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for the specific application.
© 2015
TE Connectivity Ltd. family of companies
All Rights Reserved.
NORTH AMERICA & EUROPE
MEAS Deutschland GmbH
a TE Connectivity Company
Phone: +49-800-522-6752
Email: customercare.hmpt@te.com
ASIA
Measurement Specialties (China), Ltd.,
a TE Connectivity Company
Phone: +86-400-820-6015
Email: customercare.shzn@te.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com