Electronic Components Datasheet Search
  English  ▼

X  

FS-05 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # FS-05
Description  FS Series Flow Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FS-05 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  FS-05 Datasheet HTML 1Page - TE Connectivity Ltd FS-05 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POSITION SENSOR /// FS-05
06/2017
Page 1
Features
 Rugged Brass housing
 Minimum pressure drop
 Operates from a small head of water
 Vertical mount +/15
 Suitable for water and air flow switching
Comments
 22mm Compression fitting
 Suitable for hot and cold potable water
 Reed Switch Reliability (UL File E153493)
 Easy installation
Applications
 Mains water control
 Power shower
 Central heating systems
 Circulation pump protection
 Cooling systems
FS-05
FS Series
Flow Sensor


Similar Part No. - FS-05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS-002 ETC2-FS-002 Datasheet
128Kb / 2P
FUEL SENDERS
logo
TE Connectivity Ltd
FS-01 TEC-FS-01 Datasheet
130Kb / 2P
FS Series Flow Sensor
FS-02 TEC-FS-02 Datasheet
129Kb / 2P
FS Series Flow Sensor
06/2017
More results

Similar Description - FS-05

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
610783 FESTO-610783 Datasheet
104Kb / 3P
Flow sensor
7/13/22
610916 FESTO-610916 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158411 FESTO-8158411 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158412 FESTO-8158412 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158413 FESTO-8158413 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158419 FESTO-8158419 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158422 FESTO-8158422 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158423 FESTO-8158423 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158425 FESTO-8158425 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158426 FESTO-8158426 Datasheet
101Kb / 3P
Flow sensor
7/13/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com